Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 141 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 141 Page - Texas Instruments

Back Button AM625 Datasheet HTML 137Page - Texas Instruments AM625 Datasheet HTML 138Page - Texas Instruments AM625 Datasheet HTML 139Page - Texas Instruments AM625 Datasheet HTML 140Page - Texas Instruments AM625 Datasheet HTML 141Page - Texas Instruments AM625 Datasheet HTML 142Page - Texas Instruments AM625 Datasheet HTML 143Page - Texas Instruments AM625 Datasheet HTML 144Page - Texas Instruments AM625 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 259 page
background image
7.11.5.7.2 JTAG
Table 7-50. JTAG Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
2.0
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
5
15
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
83.5
1000(1)
ps
td(Trace Mismatch Delay)
Propagation delay mismatch across all traces
100
ps
(1)
Maximum propagation delay associated with the JTAG signal traces has a significant impact on maximum TCK operating frequency. It
may be possible to increase the trace delay beyond this value, but the operating frequency of TCK must be reduced to account for the
additional trace delay.
Table 7-51. JTAG Timing Requirements
see Figure 7-40
NO.
MIN
MAX
UNIT
J1
tc(TCK)
Cycle time minimum, TCK
40(1)
ns
J2
tw(TCKH)
Pulse width minimum, TCK high
0.4P(2)
ns
J3
tw(TCKL)
Pulse width minimum, TCK low
0.4P(2)
ns
J4
tsu(TDI-TCK)
Input setup time minimum, TDI valid to TCK high
2
ns
tsu(TMS-TCK)
Input setup time minimum, TMS valid to TCK high
2
ns
J5
th(TCK-TDI)
Input hold time minimum, TDI valid from TCK high
3
ns
th(TCK-TMS)
Input hold time minimum, TMS valid from TCK high
3
ns
(1)
The maximum TCK operating frequency assumes the following timing requirements and switching characteristis for the attached
debugger. The operating frequency of TCK must be reduced to provide appropriate timing margin if the debugger exceeds any of these
assumptions.
•
Minimum TDO setup time of 2 ns relative to the rising edge of TCK
•
TDI and TMS output delay in the range of -12.9 ns to 13.9 ns relative to the falling edge of TCK
(2)
P = TCK cycle time in ns
Table 7-52. JTAG Switching Characteristics
see Figure 7-40
NO.
PARAMETER
MIN
MAX
UNIT
J6
td(TCKL-TDOI)
Delay time minimum, TCK low to TDO invalid
0
ns
J7
td(TCKL-TDOV)
Delay time maximum, TCK low to TDO valid
12
ns
TDO
J2
J1
J4
TCK
J5
TDI / TMS
J3
J6
J7
J4
J5
Figure 7-40. JTAG Timing Requirements and Switching Characteristics
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
141
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com