Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 383 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 383 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 379Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 380Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 381Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 382Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 383Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 384Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 385Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 386Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 387Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 590 page
background image
Chapter 11 Serial I/O Port
11-19
11.4.5
FIFO Control Register 0 (SIFCR0)
0xF310 (Ch. 0)
FIFO Control Register 1 (SIFCR1)
0xF410 (Ch. 1)
These registers set control of the Transmit/Receive FIFO buffer.
31
16
0
: Type
: Initial value
15
14
9876
5432
10
SWRST
0
RDIL
0
TDIL
TFRST RFRST FRSTE
R/W
R/W
R/W
R/W
R/W
R/W
: Type
0
00
00
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:16
Reserved
15
SWRST
Software Reset
Software Reset (Initial value: 0, R/W)
This field performs SIO resets except for the FIFOs. Setting this bit to “1” initiates the
reset. Set registers are also initialized. This bit returns to “0” when initialization is
complete.
0: Normal operation
1: SIO software reset
14:9
Reserved
8:7
RDIL
Receive FIFO
Request Trigger
Level
Receive FIFO DMA/Interrupt Trigger Level (Initial value: 00, R/W)
This register sets the level for reception data transfer from the Receive FIFO.
00: 1 Byte
01: 4 Bytes
10: 8 Bytes
11: 12 Bytes
6:5
Reserved
4:3
TDIL
Transmit FIFO
Request Trigger
Level
Transmit FIFO DMA/Interrupt Trigger Level (Initial value: 00, R/W)
This register sets the level for transmission data transfer to the Transmit FIFO.
00: 1 Byte
01: 4 Bytes
10: 8 Bytes
11: Setting disabled
2
TFRST
Transmit FIFO
Reset
Transmit FIFO Reset (Initial value: 0, R/W)
The Transmit FIFO buffer is reset when this bit is set. This bit is valid when the FIFO
Reset Enable bit (FRSTE) is set. Cancel reset by using the software to clear this bit.
0: During operation
1: Reset Transmit FIFO
1RFRST
Receive FIFO
Reset
Receive FIFO Reset (Initial value: 0, R/W)
The Receive FIFO buffer is reset when this bit is set. This bit is valid when the FIFO
Reset Enable bit (FRSTE) is set. Cancel reset by using the software to clear this bit.
0: During operation
1: Reset Receive FIFO
0FRSTE
FIFO Reset
Enable
FIFO Reset Enable (Initial value: 0, R/W)
This field is the Reset Enable for the Transmit/Receive FIFO buffer. The FIFO is reset
by combining the Transmit FIFO Reset bit (TFRST) and Receive FIFO Reset bit
(RRST).
0: During operation
1: Reset Enable
Figure 11.4.5 FIFO Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com