Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 454 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 454 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 450Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 451Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 452Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 453Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 454Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 455Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 456Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 457Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 458Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 590 page
background image
Chapter 15 Interrupt Controller
15-4
15.3 Detailed Explanation
15.3.1
Interrupt Sources
The TX4925 has as interrupt sources interrupts from 21 types of on-chip peripheral circuits and 8
external interrupt signals.
Table 15.3.1 lists the interrupt sources. Signals with the lower interrupt number have the higher
priority. Refer to section “15.3.4 Interrupt Priority Assigning” for the priorities.
Table 15.3.1 Interrupt Sources and Priorities
Priority
Interrupt
Number
Interrupt Source
High
0
(Reserved)
1
TX49 Write Timeout Error (Internal)
2
INT[0] (External)
3
INT[1] (External)
4
INT[2] (External)
5
INT[3] (External)
6
INT[4] (External)
7
INT[5] (External)
8
INT[6] (External)
9
INT[7] (External)
10
(Reserved)
11
NAND Flash Controller (internal)
12
SIO0 (Internal)
13
SIO1 (Internal)
14
DMA0 (Internal)
15
DMA1 (Internal)
16
DMA2 (Internal)
17
DMA3 (Internal)
18
IRC (Internal)
19
PDMAC (Internal)
20
PCIC (Internal)
21
TMR0 (Internal)
22
TMR1 (Internal)
23
TMR2 (Internal)
24
SPI (Internal)
25
RTC (Internal)
26
ACLC (Internal)
27
ACLCPME (Internal)
28
CHI (Internal)
29
PCIERR (Internal)
30
PCIPME (Internal)
Low
31
(Reserved)
In addition to the above, the TX49/H2 core has a TX49/H2 core internal timer interrupt and two
software interrupts, but these interrupts are directly reported to the TX49/H2 core independently of this
Interrupt Controller. Please refer to the “64-Bit TX System RISC TX49/H2 Core Architecture” for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com