Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 456 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 456 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 452Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 453Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 454Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 455Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 456Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 457Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 458Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 459Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 460Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 590 page
background image
Chapter 15 Interrupt Controller
15-6
Priorities are assigned as follows.
•
When interrupt levels differ, the interrupt with the higher interrupt level has priority (Table
15.3.2)
•
When multiple interrupts with the same interrupt level are simultaneously detected, the
interrupt with the smaller interrupt number has priority (Table 15.3.1).
In addition, the interrupt priority assignments are reevaluated under the following conditions. At this
time, the interrupt with the highest priority is selected and the Interrupt Factor field (CAUSE) and
Interrupt Level field (LVL) of the Interrupt Current Status Register (IRCS) are set again.
•
When an interrupt request with a higher interrupt level than that of the currently selected
interrupt is detected. However, when the interrupt levels are equal, the Interrupt Level field
(LVL) does not change even if the interrupt number is small.
•
When the interrupt level (IRLVLn.ILm) of the currently selected interrupt changes to a value
smaller than the current setting.
•
When the currently selected interrupt is cleared (refer to “15.3.6 Clearing Interrupt
Requests”).
15.3.5
Interrupt Notification
When the interrupt with the highest priority is selected, then the interrupt factor is reported to the
Interrupt Current Status Register (IRCS) and an interrupt is reported to the TX49/H2 core.
The TX49/H2 core distinguishes interrupt factors using the IP field (IP[7:2]) of the Cause Register.
The interrupt notification from the Interrupt Controller is reflected in the IP[2] bit. The Interrupt
Handler uses the IP[2] bit to judge whether or not there are interrupts from this Interrupt Controller and
uses the Interrupt Current Status Register (IRCS) to determine the interrupt cause.
The Interrupt Factor field (IRCS.CAUSE) value is reflected in the remaining bits of the IP field.
Since bit IP[7] is also being used for notification of TX49/H2 CPU core internal timer interrupts, the
contents specified by IP[7] differ according to whether internal timer interrupts are set to valid
(TINTDIS=0) or invalid (TINTDIS=1), as indicated Table 15.3.3.
The Interrupt Factor field (IRCS.CAUSE) value is reflected in the remaining bits of the IP field.
TINTDIS is the value that is set from ADDR[0] at the timing when the RESET* signal is deasserted.
See the explanation “3.3 Pin Multiplexing” for more information.
Table 15.3.3 Interrupt Notification to IP[7:2] of the CP0 Cause Register
TINTDIS
IP[7]
IP[6:3]
IP[2]
0
(Internal Timer Interrupts: Valid)
Internal Timer
Interrupt Notification
IRCS.CAUSE[3:0]
IRCS.IF
1
(Internal Timer Interrupts: Invalid)
IRCS.CAUSE[4:0]
IRCS.IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com