Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 455 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 455 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 451Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 452Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 453Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 454Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 455Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 456Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 457Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 458Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 459Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 590 page
background image
Chapter 15 Interrupt Controller
15-5
15.3.2
Interrupt Request Detection
In order to perform interrupt detection, each register of the Interrupt Controller is initialized, then the
IDE bit of the Interrupt Detection Enable Register (IRDEN) is set to “1.” All interrupts detected by the
Interrupt Controller are masked when this bit is cleared.
It is possible to set each interrupt factor detection mode using Interrupt Detection Mode Register 0
(IRDM0) and Interrupt Detection Mode Register 1 (IRDM1). There are four detection modes: Low
level, High level, falling edge, and rising edge.
The detected interrupt factors can be read out from the Interrupt Pending Register (IRPND).
15.3.3
Interrupt Level Assigning
Interrupt levels from 0 to 7 are assigned to each detected interrupt using the Interrupt Level Register
(IRLVL0-7). Interrupt level 7 is the highest priority and interrupt level1 is the lowest priority. Level 0
interrupts will be masked. (Table 15.3.2).
The priorities set by these interrupt levels will be given higher priority than the priorities provided
for each interrupt source indicated in Table 15.3.1.
Table 15.3.2 Interrupt Levels
Priority
Interrupt Level
(IRLVLn.ILm)
High
111
110
101
100
011
010
Low
001
Mask
000
15.3.4
Interrupt Priority Assigning
When multiple interrupt requests exist, the Interrupt Controller selects the interrupt with the highest
priority according to the priority level and interrupt number. Interrupt factors with an interrupt level
lower than the interrupt level specified by the Interrupt Mask Level Register (IRMSK) will be excluded
(masked).
When the interrupt with the highest priority is selected, then the interrupt number of that interrupt is
set in the interrupt factor field (CAUSE) of the Interrupt Current Status Register (IRCS), the interrupt
level is set in the Interrupt Level field (LVL), and the Interrupt Flag bit (IF) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com