Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 458 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 458 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 454Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 455Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 456Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 457Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 458Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 459Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 460Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 461Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 462Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 590 page
background image
Chapter 15 Interrupt Controller
15-8
Figure 15.3.1 External Interrupt Request Logic
There are two flag registers: Flag Register 0 (IRFLAG0), and Flag Register 1 (IRFLAG1). These
registers have two different Write methods. Accordingly, Writes to one register are reflects in the other.
Either “0” or “1” can be written to Flag Register 0
In the case of Flag Register 1 however, “1” can be written from the TX49/H2 core, but “0” cannot be
written. On the other hand, bits that wrote “1” are cleared to “0” in the case of access from a device
other than the TX49/H2 core (access from an external PCI device for example). The bit value at this
time will not change even if “0” is written. This register sends interrupt notification from the TX49/H2
core to external devices. External devices can be used in applications that clear these interrupt
notifications.
15.4 Registers
Table 15.4.1 Interrupt Control Registers
Reference
Address
Bit Width
Register
Register Name
15.4.1
0xF600
32
IRDEN
Interrupt Detection Enable Register
15.4.2
0xF604
32
IRDM0
Interrupt Detection Mode Register 0
15.4.3
0xF608
32
IRDM1
Interrupt Detection Mode Register 1
15.4.4
0xF610
32
IRLVL0
Interrupt Level Register 0
15.4.5
0xF614
32
IRLVL1
Interrupt Level Register 1
15.4.6
0xF618
32
IRLVL2
Interrupt Level Register 2
15.4.7
0xF61C
32
IRLVL3
Interrupt Level Register 3
15.4.8
0xF620
32
IRLVL4
Interrupt Level Register 4
15.4.9
0xF624
32
IRLVL5
Interrupt Level Register 5
15.4.10
0xF628
32
IRLVL6
Interrupt Level Register 6
15.4.11
0xF62C
32
IRLVL7
Interrupt Level Register 7
15.4.12
0xF640
32
IRMSK
Interrupt Mask Register
15.4.13
0xF660
32
IREDC
Interrupt Edge Detection Clear Register
15.4.14
0xF680
32
IRPND
Interrupt Pending Register
15.4.15
0xF6A0
32
IRCS
Interrupt Current Status Register
15.4.16
0xF510
32
IRFLAG0
Interrupt Request Flag Register 0
15.4.17
0xF514
32
IRFLAG1
Interrupt Request Flag Register 1
15.4.18
0xF518
32
IRPOL
Interrupt Request Polarity Control Register
15.4.19
0xF51C
32
IRRCNT
Interrupt Request Control Register
15.4.20
0xF520
32
IRMASKINT
Interrupt Request Internal Interrupt Mask Register
15.4.21
0xF524
32
IRMASKEXT
Interrupt Request External Interrupt Mask Register
IRFLAG[31]
IRPOL[31]
IRMASK[31]
IRRCNT.EXTPOL
Internal Interrupt
Request
(0: Request present)
External Interrupt Request
IRRCNT.INTPOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com