Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 461 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 461 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 457Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 458Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 459Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 460Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 461Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 462Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 463Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 464Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 465Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 590 page
background image
Chapter 15 Interrupt Controller
15-11
Bits
Mnemonic
Field Name
Explanation
17:16
IC16
Interrupt Source
Control 16
Interrupt Source Control 16 (Initial value: 00, R/W)
These bits specify the active state of DMA[2] interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
15:14
IC7
Interrupt Source
Control 7
Interrupt Source Control 7 (Initial value: 00, R/W)
These bits specify the active state of external INT[5] interrupts.
00: Low level active
01: High level active
10: Falling edge active
11: Rising edge active
13:12
IC6
Interrupt Source
Control 6
Interrupt Source Control 6 (Initial value: 00, R/W)
These bits specify the active state of external INT[4] interrupts.
00: Low level active
01: High level active
10: Falling edge active
11: Rising edge active
11:10
IC5
Interrupt Source
Control 5
Interrupt Source Control 5 (Initial value: 00, R/W)
These bits specify the active state of external INT[3] interrupts.
00: Low level active
01: High level active
10: Falling edge active
11: Rising edge active
9:8
IC4
Interrupt Source
Control 4
Interrupt Source Control 4 (Initial value: 00, R/W)
These bits specify the active state of external INT[2] interrupts.
00: Low level active
01: High level active
10: Falling edge active
11: Rising edge active
7:6
IC3
Interrupt Source
Control 3
Interrupt Source Control 3 (Initial value: 00, R/W)
These bits specify the active state of external INT[1] interrupts.
00: Low level active
01: High level active
10: Falling edge active
11: Rising edge active
5:4
IC2
Interrupt Source
Control 2
Interrupt Source Control 2 (Initial value: 00, R/W)
These bits specify the active state of external INT[0] interrupts.
00: Low level active
01: High level active
10: Falling edge active
11: Rising edge active
3:2
IC1
Interrupt Source
Control 1
Interrupt Source Control 1 (Initial value: 00, R/W)
These bits specify the active state of TX49 Write Timeout Error interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
1:0
Reserved
Figure 15.4.2 Interrupt Detection Mode Register 0 (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com