Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 460 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 460 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 456Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 457Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 458Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 459Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 460Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 461Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 462Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 463Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 464Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 590 page
background image
Chapter 15 Interrupt Controller
15-10
15.4.2
Interrupt Detection Mode Register 0 (IRDM0)
0xF604
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
IC23
IC22
IC21
IC20
IC19
IC18
IC17
IC16
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
00
00
00
00
00
00
00
00
: Initial value
15
14
13
12
11
10
9
87654321
0
IC7
IC6
IC5
IC4
IC3
IC2
IC1
Reserved
R/WR/W
R/WR/W
R/WR/W
R/W
: Type
00
00
00
00
00
00
00
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:30
IC23
Interrupt Source
Control 23
Interrupt Source Control 23 (Initial value: 00, R/W)
These bits specify the active state of TMR[2] interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
29:28
IC22
Interrupt Source
Control 22
Interrupt Source Control 22 (Initial value: 00, R/W)
These bits specify the active state of TMR[1] interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
27:26
IC21
Interrupt Source
Control 21
Interrupt Source Control 21 (Initial value: 00, R/W)
These bits specify the active state of TMR[0] interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
25:24
IC20
Interrupt Source
Control 20
Interrupt Source Control 20 (Initial value: 00, R/W)
These bits specify the active state of PCIC interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
23:22
IC19
Interrupt Source
Control 19
Interrupt Source Control 19 (Initial value: 00, R/W)
These bits specify the active state of PDMAC interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
21:20
IC18
Interrupt Source
Control 18
Interrupt Source Control 18 (Initial value: 00, R/W)
These bits specify the active state of IRC interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
19:18
IC17
Interrupt Source
Control 17
Interrupt Source Control 17 (Initial value: 00, R/W)
These bits specify the active state of DMA[3] interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
Figure 15.4.2 Interrupt Detection Mode Register 0 (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com