Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 473 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 473 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 469Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 470Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 471Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 472Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 473Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 474Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 475Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 476Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 477Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 590 page
background image
Chapter 15 Interrupt Controller
15-23
15.4.13 Interrupt Edge Detection Clear Register (IREDC)
0xF660
31
25
24
23
20
19
16
Reserved
: Type
: Initial value
15
9
8
74
30
Reserved
EDCE0
Reserved
EDCS0
R/W1C
R/W
: Type
0
0000
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:9
Reserved
8EDCE0
Edge Detection
Clear Enable 0
Edge Detection Clear Enable 0 (Initial value: 0, R/W1C)
Clears edge detection of interrupts specified by the EDCS0 field.
0: Does not clear.
1: Clears.
Value always becomes “0” when this bit is read.
7:4
Reserved
3:0
EDCS0
Edge Detection
Clear Source 0
Edge Detection Clear Source 0 (Initial value: 0x0, R/W1C)
These bits specify the interrupt source to be cleared.
1111: (Reserved)
1110: (Reserved)
1101: (Reserved)
1100: (Reserved)
1011: (Reserved)
1010: (Reserved)
1001: External INT[7] interrupt
1000: External INT[6] interrupt
0111: External INT[5] interrupt
0110: External INT[4] interrupt
0101: External INT[3] interrupt
0100: External INT[2] interrupt
0011: External INT[1] interrupt
0010: External INT[0] interrupt
0001: (Reserved)
0000: (Reserved)
Figure 15.4.13 Interrupt Status Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com