Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 474 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 474 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 470Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 471Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 472Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 473Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 474Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 475Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 476Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 477Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 478Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 590 page
background image
Chapter 15 Interrupt Controller
15-24
15.4.14 Interrupt Pending Register (IRPND)
0xF680
Indicates the status of each interrupt request regardless of the IRLVL 7-0 and IRMSK value.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
IS30
IS29
IS28
IS27
IS26
IS25
IS24
IS23
IS22
IS21
IS20
IS19
IS18
IS17
IS16
RR
RRR
RRR
RRR
RRR
R
: Type
00
000
000
000
000
0
: Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IS15
IS14
IS13
IS12
IS11 Reserved
IS9
IS8
IS7
IS6
IS5
IS4
IS3
IS2
IS1
Reserved
RRR
RR
RRR
RRR
RRR
: Type
000
00
000
000
000
: Initial value
Bits
Mnemonic
Field Name
Explanation
31
Reserved
30
IS30
Interrupt Status 30
IRINTREQ[30] status (Initial value: 0, R)
This bit indicates the PCIPME interrupt status.
1: Interrupt requests
0: No interrupt requests
29
IS29
Interrupt Status 29
IRINTREQ[29] status (Initial value: 0, R)
This bit indicates the PCIERR error status.
1: Interrupt requests
0: No interrupt requests
28
IS28
Interrupt Status 28
IRINTREQ[28] status (Initial value: 0, R)
This bit indicates the CHI interrupt status.
1: Interrupt requests
0: No interrupt requests
27
IS27
Interrupt Status 27
IRINTREQ[27] status (Initial value: 0, R)
This bit indicates the ACLCPME error status.
1: Interrupt requests
0: No interrupt requests
26
IS26
Interrupt Status 26
IRINTREQ[26] status (Initial value: 0, R)
This bit indicates the ACLC error status.
1: Interrupt requests
0: No interrupt requests
25
IS25
Interrupt Status 25
IRINTREQ[27] status (Initial value: 0, R)
This bit indicates the RTC error status.
1: Interrupt requests
0: No interrupt requests
24
IS24
Interrupt Status 24
IRINTREQ[26] status (Initial value: 0, R)
This bit indicates the SPI error status.
1: Interrupt requests
0: No interrupt requests
23
IS23
Interrupt Status 23
IRINTREQ[23] status (Initial value: 0, R)
This bit indicates the TMR[2] interrupt status.
1: Interrupt requests
0: No interrupt requests
22
IS22
Interrupt Status 22
IRINTREQ[22] status (Initial value: 0, R)
This bit indicates the TMR[1] interrupt status.
1: Interrupt requests
0: No interrupt requests
21
IS21
Interrupt Status 21
IRINTREQ[21] status (Initial value: 0, R)
This bit indicates the TMR[0] interrupt status.
1: Interrupt requests
0: No interrupt requests
Figure 15.4.14 Interrupt Pending Status Register (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com