| Electronic Components Datasheet Search |
|
TMPR4925 Datasheet(PDF) 493 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4925 Datasheet(HTML) 493 Page - Toshiba Semiconductor |
|
493 / 590 page ![]() Chapter 16 CHI Module 16-11 Table 16.3.2 and Table 16.3.3 shows a summary matrix for the values of CERX and CETX for all possible settings of CHIRXBOFF and CHITXBOFF, respectively. These values are shown for various configurations of CHICLK mode (1x versus 2x), CHIFSEDGE, CHIRXEDGE, and CHITXEDGE. The CHIFSEDGE settings determine whether to use the rising edge (CHIFSEDGE = 1) or falling edge (CHIFSEDGE = 0) of CHICLK to sample CHIFS. The CHIRXEDGE settings determine whether to use the rising edge (CHIRXEDGE = 1) or falling edge (CHIRXEDGE = 0) of CHICLK to sample the CHIDIN input. The CHITXEDGE settings determine whether to use the rising edge (CHITXEDGE = 1) or falling edge (CHITXEDGE = 0) of CHICLK to push the CHIDOUT output. CERX is defined as the number of CHICLK clock edges (rising and falling) between the edge where CHIFS is sampled and the edge where CHIDIN is sampled. CETX is defined as the number of CHICLK clock edges (rising and falling) between the edge where CHIFS is sampled and the edge where CHIDOUT is pushed. The CHI frame structure and bit offsets are shown in Figure 16.3.5 to 16.3.11 for various clock and sync configurations. Table 16.3.2 CERX Values for CHIRXBOFF Versus Clock and Edge Configurations CHIRXBOFF CHICLK Mode CHIFS- Edge CHIRX- Edge 0 123 45 678 9 10 11 12 13 14 15 1x 0 0 0 2 4 6 8 10 121416 1820 2224 262830 1x 1 1 0 2 4 6 8 10 121416 1820 2224 262830 1x 0 1 −1 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 1x 1 0 −1 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 2x 0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 2x 1 1 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 2x 0 1 1 3 5 7 9 11 131517 1921 2325 272931 2x 1 0 1 3 5 7 9 11 131517 1921 2325 272931 Table 16.3.3 CETX Values for CHITXBOFF Versus Clock and Edge Configurations CHITXBOFF CHICLK Mode CHIFS- Edge CHIRX- Edge 0 123 45 678 9 10 11 12 13 14 15 1x 0 0 0 2 4 6 8 10 121416 1820 2224 262830 1x 1 1 0 2 4 6 8 10 121416 1820 2224 262830 1x 0 1 −1 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 1x 1 0 −1 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 2x 0 0 0 2 4 6 8 10 121416 1820 2224 262830 2x 1 1 0 2 4 6 8 10 121416 1820 2224 262830 2x 0 1 −1 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 2x 1 0 −1 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 When the CHI frame consists of only two time slots, not all the BOFF values are supported. The offsets must be within the half-frame. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |