Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 492 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 492 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 488Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 489Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 490Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 491Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 492Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 493Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 494Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 495Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 496Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 590 page
background image
Chapter 16 CHI Module
16-10
16.3.7
Frame Structure and Serial Timing
Each CHI frame (nominally 8 kHz rate) is time-division-multiplexed into several timeslots or
channels. The total number of timeslots per frame is programmable, with a maximum of 64 timeslots
allowed, and the number of timeslots is also restricted to an even number. Each timeslot is 8 bits,
although 16-bit or 32-bit channels can be supported by accessing adjacent timeslots.
The TX4925 CHI Module supports a master or slave mode for both the clock (CHICLK) and sync
(CHIFS). For the master mode, the TX4925 contains programmable dividers for generating the clock
and/or sync signal, synchronously dividing down from the main core clock (CLK). For the slave mode,
TX4925 accepts external clock and/or sync signals and utilizes “digital-PLL” type circuitry to stayed
“locked” to the external source.
The CHI Module supports the following programmable features which allow support for various
clock and sync timing formats:
1x versus 2x clock modes for CHICLK (2x clock mode uses two CHICLK periods per data bit)
MSB-first versus LSB-first serial formats for transmit and receive
rising versus falling edge (polarity) used for frame sync triggering
CHIFS signal can be sampled on either rising or falling edge of CHICLK
CHIDIN receive data can be sampled on either rising or falling edge of CHICLK
CHIDOUT transmit data can be pushed on either rising or falling edge of CHICLK
CHIDIN receive data can have programmable bit offset (timeslot 0 offset from CHIFS)
CHIDOUT transmit data can have programmable bit offset (timeslot 0 offset from CHIFS)
CHIDOUT transmit data (tri-state) output buffer enable is dynamically asserted for only active
timeslots; for sleep mode CHIDOUT is always tri-stated
for CHIFS master mode, the CHIFS pulse width and polarity is programmable
The TX4925 CHI Module allows for a programmable bit offset for both CHIDIN and CHIDOUT,
which is related to the number of clock cycles between the start of timeslot 0 and CHIFS. This
flexibility allows the TX4925 CHI Module to support a wide variety of interface clock and sync timing
formats. The control bits for controlling the CHIDIN bit offset are CHIRXBOFF[3:0], while the control
bits for controlling the CHIDOUT bit offset are CHITXBOFF[3:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com