Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 489 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 489 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 485Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 486Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 487Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 488Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 489Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 490Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 491Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 492Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 493Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 590 page
background image
Chapter 16 CHI Module
16-7
Note that the byte lanes are swapped between the little- and big-endian modes. In the little-endian
mode, bits 31:24 of a word on the DMA buffer correspond to the byte lane with the address offset ‘+3’
and therefore to the ‘byte0’ in the CHI TX/RX holding register. On the contrary, in the big-endian
mode, bits 31:24 of a word on the DMA buffer correspond to the byte lane with the address offset ‘+0’
and therefore to the ‘byte3’ in the CHI TX/RX holding register.
Table 16.3.1 CHI DMA Memory Organization
(Relative)
Memory
Address
+0
+1
+2
+3
+0x0
buffA, byte3
buffA, byte2
buffA, byte1
buffA, byte0
sample 0
sample 0
sample 0
sample 0
+0x4
buffB, byte3
buffB, byte2
buffB, byte1
buffB, byte0
sample 0
sample 0
sample 0
sample 0
+0x8
buffA, byte3
buffA, byte2
buffA, byte1
buffA, byte0
sample 1
sample 1
sample 1
sample 1
+0xC
buffB, byte3
buffB, byte2
buffB, byte1
buffB, byte0
sample 1
sample 1
sample 1
sample 1
+0x10
buffA, byte3
buffA, byte2
buffA, byte1
buffA, byte0
sample 2
sample 2
sample 2
sample 2
etc.
For a given channel, the minimum input-to-output latency for the CHI data path is (4 cycles)
×
(62.5
µs) = 250 µs, assuming an 8 kHz frame rate. These required 4 cycles are as follows:
•
1 cycle to load receive shift register into receive holding register
•
1 cycle for DMA of receive holding register data into receive memory space
(insert here any application-specific time required for processing of received data and moving
result to transmit memory space)
•
1 cycle for DMA of data in transmit memory space to transmit holding register
•
1 cycle to load transmit holding register data into transmit shift register
Half-buffer and end-of-buffer DMA address counter interrupts are available, allowing the CPU to
minimize overhead and utilize the DMA buffer in a ping-pong fashion. For transmit mode, the CPU can
use these interrupts to fill or write one half of the buffer while the other half is being emptied by the
DMA controller for transmitting out the CHI. Similarly, for receive mode, the CPU can use these
interrupts to empty or read one half of the buffer while the other half is being filled by the DMA
controller from received CHI input samples.
Also available is a direct CPU read/write mode for bypassing the DMA, allowing the CPU to read or
write the CHI data on a sample by sample basis, if so desired. Separate DMA enables for receive and
transmit allow DMA to be setup for receive only (transmit via CPU), transmit only (receive via CPU),
receive and transmit, or none (receive and transmit via CPU).
The DMA circuit also provides an interrupt each time the DMA buffer pointer is incremented, which
occurs whenever a new sample is read from and/or written to the DMA buffer. This interrupt may be
useful for triggering a read of the DMA pointer status value, which is the actual 12-bit DMA address
counter output. This value indicates exactly where the current address is pointing to in the overall DMA
buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com