Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 486 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 486 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 482Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 483Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 484Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 485Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 486Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 487Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 488Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 489Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 490Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 590 page
background image
Chapter 16 CHI Module
16-4
16.3.2
Receiver
For the CHI receive direction, Buffer-A and Buffer-B receive holding registers are read either by the
DMA circuit or directly by the CPU. Each of these 2 holding registers are 32 bits wide, and CHI control
logic determines which byte to which holding register gets loaded at a given time from the 8-bit receive
shift register. In addition, the byte data loaded from the shift register to the holding register can be
MSB-first or LSB-first. Similar to the transmit direction, the receive section also operates in a ping-
pong fashion, allowing one buffer to be read (via the DMA or CPU) while the other buffer is being
loaded from the shift register a byte at a time, depending on which timeslots are active.
The receive TDM switch control register (independent from the transmit TDM switch control
register) is used to select ANY 4 channels per buffer to be loaded from the shift register to the holding
register. Each of the 8 selected channels also has an individual control bit for enabling/disabling the
timeslot.
An interrupt is available whenever a valid 32 bit word is available from the receive data holding
register A. This also means a valid CHI output sample can be written to the transmit data holding
register A. Similarly, an interrupt is also available whenever a valid 32 bit word is available from the
receive data holding register B. This also means a valid CHI output sample can be written to the
transmit data holding register B.
16.3.3
Clock and Control Generation
The CHI Module contains several programmable counters which are used to generate the various
CHI internal and external control signals and clocks. See Figure 16.3.3 for a block diagram of the CHI
clock and control generation circuit. As mentioned previously, CHICLK can be configured as either an
output (master mode) or input (slave mode). As an output, CHICLK is derived by dividing down from
IMBUSCLKF. In this mode, all CHI clocks are then synchronously locked to the main TX4925 system
clock. As an input, CHICLK is generated from an external clock source, which is asynchronous with
respect to IMBUSCLKF. The TX4925 CHI Module utilizes a digital-PLL circuit to stay “locked” to the
external source, while still operating internally using IMBUSCLKF CHIDIN and CHIDOUT are also
synchronized between IMBUSCLKF and the externally-supplied CHICLK.
CHIFS can also be configured as either an output (master mode) or input (slave mode). As an output,
CHIFS is derived by dividing down from CHICLK. For this mode, the CHIFS pulse width and polarity
is also programmable. As an input, CHIFS is generated from an external sync source. The TX4925 CHI
Module utilizes a digital-PLL circuit to stay “locked” to the external sync source, while still operating
internally using IMBUSCLKF.
The programmable receive and transmit sync delay counters shown in See Figure 16.3.2 are used to
implement the bit offset feature described earlier. The bit offset control bits determine the number of
clock cycles between the start of timeslot 0 and CHIFS. The receive and transmit sync delay counters
are independent from each other, such that the receive and transmit serial data streams can have
different bit offsets.
The programmable receive channel counter output is constantly compared with the receive TDM
switch control register values, and whenever a match occurs, the byte of data is loaded from the receive
shift register into the correct field within the receive holding register. Similarly, the programmable
transmit channel counter output is constantly compared with the transmit TDM switch control register
values, and whenever a match occurs, the byte of data is loaded from the correct field within the
transmit holding register into the receive shift register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com