Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 483 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 483 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 479Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 480Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 481Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 482Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 483Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 484Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 485Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 486Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 487Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 590 page
background image
Chapter 16 CHI Module
16-1
16. CHI Module
16.1 Characteristics
The CHI Module within the TX4925 contains holding registers, shift registers, DMA support, and other
logic to support interfacing to external full-duplex serial TDM communication peripherals, including ISDN
communication devices and PCM/TDM serial highways. The TX4925 implementation of the CHI Module is
based on the Concentration Highway Interface standard specified by Intel and AT&T, which is intended to
allow glueless interface to various TDM highways used by numerous commercial products. The TX4925
CHI Module can also be used to support an intra-system high-speed serial DMA channel within a PDA
system.
The TX4925 CHI Module utilizes a 4-signal interface consisting of clock, sync, transmit serial data, and
receive serial data. The data is organized as a TDM format, with up to 64 timeslots (nominally 8 bits each)
per frame, with a nominal frame rate of 8 kHz (8 bits
× 8 kHz = 64 kbps nominal data rate per channel). Up
to four input timeslots and up to four output timeslots can be independently selected in each half-frame. The
CHI Module does not handle the timeslots which are not selected for input or output. The number of
timeslots and the data rate (up to 4.096 Mbps) and frame rate (up to 64 kHz, depending on the system
configuration) are programmable, providing flexibility for supporting various TDM communication
peripherals. These timeslots are commonly used to carry voice, data, or control and status information.
The CHI Module provides full-duplex DMA support for receive and transmit (two DMA channels). The
DMA buffers can be configured in a continuous (circular) buffer mode or a one-time (empty or fill, then
stop) buffer mode. Half-buffer and end-of-buffer DMA address counter interrupts are available, allowing the
CPU to minimize overhead and efficiently empty or fill half of the DMA buffer in a ping-pong fashion. The
DMA buffer size is programmable (from a minimum of 16 bytes up to a maximum of 16 Kbytes) and the
receive and transmit buffers can be configured to either reside in different memory spaces or share the same
memory space (overlapping buffers for loopback purposes or for optimum memory allocation). Also
available is a direct CPU read/write mode for bypassing the DMA, allowing the CPU to read or write the
CHI data on a sample by sample basis, if so desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com