Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 481 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 481 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 477Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 478Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 479Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 480Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 481Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 482Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 483Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 484Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 485Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 590 page
background image
Chapter 15 Interrupt Controller
15-31
15.4.20 Interrupt Request Internal Interrupt Mask Register (IRMASKINT)
0xF520
31
16
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
[31]
[30]
[29]
[28]
[27]
[26]
[25]
[24]
[23]
[22]
[21]
[20]
[19]
[18]
[17]
[16]
R/W
: Type
0x0000
: Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
MINT
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
R/W
: Type
0x0000
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:0
MINT[31:0]
Internal Request
Mask
Internal Interrupt Mask (Initial value: 0x0000_0000, R/W)
These bits specify whether to use the corresponding flag bit as an internal interrupt
cause. Interrupt causes are masked when this bit is “0.”
0: Mask (Reset)
1: Do not mask
Figure 15.4.20 Interrupt Request Internal Interrupt Mask Register
15.4.21 Interrupt Request External Interrupt Mask Register (IRMASKEXT)
0xF524
31
16
MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT
[31]
[30]
[29]
[28]
[27]
[26]
[25]
[24]
[23]
[22]
[21]
[20]
[19]
[18]
[17]
[16]
R/W
: Type
0x0000
: Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
R/W
: Type
0x0000
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:0
MEXT[31:0]
External Request
Mask
External Interrupt Mask (Initial value: 0x0000_0000, R/W)
These bits specify whether to use the corresponding flag bit as an external interrupt
cause. Interrupt causes are masked when this bit is “0.”
0: Mask (reset)
1: Do not mask
Figure 15.4.21 Interrupt Request External Interrupt Mask Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com