| Electronic Components Datasheet Search |
|
TMPR4925 Datasheet(PDF) 485 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4925 Datasheet(HTML) 485 Page - Toshiba Semiconductor |
|
485 / 590 page ![]() Chapter 16 CHI Module 16-3 16.3 Detailed Explanation 16.3.1 Transmitter For the CHI transmit direction, Buffer-A and Buffer-B transmit holding registers are written either from the DMA circuit or directly from the CPU. Each of these 2 holding registers are 32-bits wide, and CHI control logic determines which byte from which holding register gets loaded at a given time into the 8-bit transmit shift register. In addition, the byte data loaded from the holding register to the shift register can be MSB-first or LSB-first. The reason for having Buffer-A and Buffer-B holding registers is that the CHI Module operates in a ping-pong fashion. Each frame of data is partitioned into 2 buffers (A and B); for example, with 64 timeslots total, the data is partitioned into 32 timeslots per buffer. The ping-pong operation allows one buffer to be updated (via the DMA or CPU) while the other buffer is being loaded into the shift register a byte at a time, depending on which timeslots are active. The ping- pong operation is transparent to the CPU or DMA interface, since the CHI Module automatically points to the correct A or B buffer at a given time and the CPU or DMA always accesses the same 32-bit holding register for all transactions. The transmit TDM switch control register is used to select ANY 4 channels per buffer to be loaded from the holding register to the shift register. For example, if the CHI Module is configured for 32 timeslots per buffer (64 total timeslots), any 4 channels per buffer (8 total) can be selected out of the 32 available channels. The CHIDOUT signal is tri-stated during any of the non-selected channels. Each of the 8 selected channels also has an individual control bit for enabling/disabling the timeslot. Figure 16.3.1 shows how the transmit TDM switch works, for example, with 16 total timeslots. Please refer to “16.4 Registers”. Figure 16.3.1 Transmit TDM Switch Example byte3 byte2 byte1 byte0 TX Holding Register A Bit31…………………….Bit0 byte3 byte2 byte1 byte0 TX Holding Register B Bit31…………………….Bit0 ch0 ch1 ch2 ch3 Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z ch9 Hi-Z ch11 Hi-Z ch13 ch14 Hi-Z Bit0……………….Bit31 Bit 16…13 8…15 24…31 0…7 CHINCHAN[4:0] TXMSBFIRST CHI Pointer Enable CHI Transmit Pointer A CHI Transmit Pointer B 0x07 0 0xFFxx_0000 0x0302_0100 0x0501_0306 CHIDOUT CHIFS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |