Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 480 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 480 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 476Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 477Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 478Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 479Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 480Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 481Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 482Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 483Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 484Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 590 page
background image
Chapter 15 Interrupt Controller
15-30
15.4.18 Interrupt Request Polarity Control Register (IRPOL)
0xF518
31
16
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
[31]
[30]
[29]
[28]
[27]
[26]
[25]
[24]
[23]
[22]
[21]
[20]
[19]
[18]
[17]
[16]
R/W
: Type
0x0000
: Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
FPC
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
R/W
: Type
0x0000
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:0
FPC[31:0]
Flag Polarity
Control
Flag Polarity Control[31:0] (Initial value: 0x0000_0000, R/W)
These bits specify the polarity of the flag bit that generated the interrupt. An
interrupt request is generated when the XOR of the FPC bit and the flag bit is “1.”
Flag bit (PF)
FPC bit
Interrupt request
00
No
01
Yes
10
Yes
11
No
Figure 15.4.18 Interrupt Request Polarity Control Register
15.4.19 Interrupt Request Control Register (IRRCNT)
0xF51C
31
16
Reserved
: Type
: Initial value
15
32
1
0
Reserved
OD
EXTPOL
INTPOL
R/W
R/W
R/W : Type
0
1
1
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:3
Reserved
2
OD
External Interrupt
OD Control
External Interrupt Open Drain Control (Initial value: 0, R/W)
This bit specifies whether to make the external interrupt signal (IRC[2]*) an open
drain pin or not.
0: Open drain (reset)
1: Totem pole
1EXTPOL
External Interrupt
Request Polarity
Control
External Interrupt Polarity Control (Initial value: 1, R/W)
This bit specifies the polarity of external interrupt requests.
0: Do not reverse polarity of interrupt requests.
1: Reverse polarity of interrupt requests
0
INTPOL
Internal Interrupt
Request Polarity
Control
Internal Interrupt Polarity Control (Initial value: 1, R/W)
This bit specifies the polarity of internal interrupt requests.
0: Do not reverse polarity of interrupt requests.
1: Reverse polarity of interrupt requests
Figure 15.4.19 Interrupt Request Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com