Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 503 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 503 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 499Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 500Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 501Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 502Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 503Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 504Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 505Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 506Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 507Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 590 page
background image
Chapter 16 CHI Module
16-21
16.4.2
CHI Pointer Enable Register (PNTREN)
0xA804
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
TB3E TB2E TB1E TB0E TA3E TA2E TA1E TA0E RB3E RB2E RB1E RB0E RA3E RA2E RA1E RA0E
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
: Type
00
00
00
00
00
00
00
00
: Initial value
15
0
Reserved
: Type
: Initial value
Bits
Mnemonic
Field Name
Description
31
TB3E
CHITXPTRB3EN
CHITXPTRB3EN bit (Initial value: 0, R/W)
This bit is used to enable/disable the timeslot for the transmit channel pointed to by
the TDM switch pointer CHITXPTRB3.
0: Disable
1: Enable
30
TB2E
CHITXPTRB2EN
CHITXPTRB2EN bit (Initial value: 0, R/W)
This bit is used to enable/disable the timeslot for the transmit channel pointed to by
the TDM switch pointer CHITXPTRB2.
0: Disable
1: Enable
29
TB1E
CHITXPTRB1EN
CHITXPTRB1EN bit (Initial value: 0, R/W)
This bit is used to enable/disable the timeslot for the transmit channel pointed to by
the TDM switch pointer CHITXPTRB1.
0: Disable
1: Enable
28
TB0E
CHITXPTRB0EN
CHITXPTRB0EN bit (Initial value: 0, R/W)
This bit is used to enable/disable the timeslot for the transmit channel pointed to by
the TDM switch pointer CHITXPTRB0.
0: Disable
1: Enable
27
TA3E
CHITXPTRA3EN
CHITXPTRA3EN bit (Initial value: 0, R/W)
This bit is used to enable/disable the timeslot for the transmit channel pointed to by
the TDM switch pointer CHITXPTRA3.
0: Disable
1: Enable
26
TA2E
CHITXPTRA2EN
CHITXPTRA2EN bit (Initial value: 0, R/W)
This bit is used to enable/disable the timeslot for the transmit channel pointed to by
the TDM switch pointer CHITXPTRA2.
0: Disable
1: Enable
25
TA1E
CHITXPTRA1EN
CHITXPTRA1EN bit (Initial value: 0, R/W)
This bit is used to enable/disable the timeslot for the transmit channel pointed to by
the TDM switch pointer CHITXPTRA1.
0: Disable
1: Enable
24
TA0E
CHITXPTRA0EN
CHITXPTRA0EN bit (Initial value: 0, R/W)
This bit is used to enable/disable the timeslot for the transmit channel pointed to by
the TDM switch pointer CHITXPTAB0.
0: Disable
1: Enable
Figure 16.4.2 CHI Pointer Enable Register (PNTREN) (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com