Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 500 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 500 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 496Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 497Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 498Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 499Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 500Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 501Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 502Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 503Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 504Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 590 page
background image
Chapter 16 CHI Module
16-18
16.4.1
CHI Control Register (CTRL)
0xA800
31
30
29
28
27
26
25
24
20
19
16
Reserved
LOOP TEST
FDIR
FWID
CHAN
TBOF
R/W
R/W
R/W
R/W
R/W
R/W
: Type
0
0
0
00
00000
0000
: Initial value
15
12
11
10
98
76
54
32
10
RBOF
TMSB RMSB RFPL TFPL REDG TEDG FEDG TFED
C2X
REN
TEN
CEN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
0000
0
0
0
0
0
0
0
0
0
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:30
Reserved
29
LOOP
CHILOOP
CHILOOP bit (Initial value: 0, R/W)
This bit is used for IC testing and should not be set. Setting this bit to a logic “1”
will cause the CHI serial transmitted data to be internally looped back to the CHI
serial receive data path. The data is inverted when this mode is selected. Clearing
this bit to a logic “0” selects the normal CHIDIN pin as the CHI serial receive data
source.
28
TEST
CHIENTEST
CHIENTEST bit (Initial value: 0, R/W)
This bit is used for IC testing and should not be set.
27
FDIR
CHIFSDIR
CHIFSDIR bit (Initial value: 0, R/W)
This bit controls the direction of the CHIFS pin.
0: CHIFS to be an input.(CHI sync slave mode) Note*
1: CHIFS to be an output.(CHI sync master mode)
Note that CHIRXFSPOL and CHIFSEDGE bits must be set to proper values even
when CHIFSDIR is set to a logic “1” (CHI sync master mode).
26:25
FWID[1:0]
CHIFSWIDTH
CHIFSWIDTH bits (Initial value: 00, R/W)
These bits are used to select pulse width for the CHIFS signal, relevant whenever
the CHI Module is configured as master mode. The pulse width is counted by data
bit width. (In clk2x mode, two CHICLKs correspond to one data bit.) The available
CHIFS pulse widths are as follows
00: 1 bit wide
01: 2 bits wides
10: 1 byte wide
11: half-frame wide
24:20
CHAN[4:0]
CHINCHAN
CHINCHAN bits (Initial value: 00000, R/W)
These bits are used to program the number of 8-bit channel timeslots per half-
frame, up to 32 total per half-frame. The value loaded for CHINCHAN is the
desired number of channels-1.
19:16
TBOF[3:0]
CHTXBOFF
CHITXBOFF bits (Initial value: 0000, R/W)
These bits select the transmit data programmable bit offset, which is related to the
number of clocks from the start of timeslot 0 (1st timeslot) transmit data to the
CHIFS edge used to trigger the start of each CHI frame. The value loaded for
CHITXBOFF must be chosen from Table 16.3.3 according to the configuration.
15:12
RBOF[3:0]
CHIRXBOFF
CHIRXBOFF bits (Initial value: 0000, R/W)
These bits select the receive data programmable bit offset, which is related to the
number of clocks from the start of timeslot 0 (1st timeslot) receive data to the
CHIFS edge used to trigger the start of each CHI frame. The value loaded for
CHIRXBOFF must be chosen from Table 16.3.2 according to the configuration.
11
TMSB
TXMSBFIRST
TXMSBFIRST bit (Initial value: 0, R/W)
This bit selects between MSB-first and LSB-first serial data formats for each byte
of the CHI transmit data.
0: LSB-first
1: MSB-first
Figure 16.4.1 Control Register (CTRLREG) (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com