Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 501 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 501 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 497Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 498Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 499Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 500Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 501Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 502Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 503Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 504Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 505Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 590 page
background image
Chapter 16 CHI Module
16-19
Bits
Mnemonic
Field Name
Description
10
RMSB
RXMSBFIRST
RXMSBFIRST bit (Initial value: 0, R/W)
This bit selects between MSB-first and LSB-first serial data formats for each byte
of the CHI receive data.
0: LSB-first
1: MSB-first
9RFPL
CHIRXFSPOL
CHIRXFSPOL bit (Initial value: 0, R/W)
This bit selects between positive (active high) or negative (active low) polarity for
the received CHIFS signal pulse. This bit must be properly set in CHI sync master
mode, as well as in CHI sync slave mode; In CHI sync master mode,
CHIRXFSPOL must be equal to CHITXFSPOL.
0: positive polarity for the CHIFS pulse. (the rising edge of the CHIFS pulse is
used to trigger the start of the CHI frame period.)
1: negative polarity for the CHIFS pulse. ( the falling edge of the CHIFS pulse is
used to trigger the start of the CHI frame period.)
8
TFPL
CHITXFSPOL
CHITXFSPOL bit (Initial value: 0, R/W)
This bit selects between positive (active high) or negative (active low) polarity for
the transmitted CHIFS signal pulse, relevant whenever the CHI Module is
configured as master mode.
0: positive polarity for the CHIFS pulse
1: negative polarity for the CHIFS pulse
7REDG
CHIRXEDGE
CHIRXEDGE bit (Initial value: 0, R/W)
This bit selects whether to use either the rising edge or falling edge of CHICLK to
sample the receive data CHIDIN. CHIDIN must be stable before and after the
specified CHICLK edge.
0: falling edge
1: rising edge
6TEDG
CHITXEDGE
CHITXEDGE bit (Initial value: 0, R/W)
This bit selects whether to use either the rising edge or falling edge of CHICLK to
clock out the transmit data CHIDOUT.
0: falling edge
1: rising edge
5FEDG
CHIFSEDGE
CHIFSEDGE bit (Initial value: 0, R/W)
This bit selects whether to use either the rising edge or falling edge of CHICLK to
sample the receive frame sync CHIFS. This bit must be properly set in CHI sync
master mode, as well as in CHI sync slave mode. CHIFS must be stable before
and after the specified CHICLK edge; In CHI sync master mode, CHIFSEDGE
must be equal to inverted CHITXFSEDGE.
0: falling edge
1: rising edge
4
TFED
CHITXFSEDGE
CHITXFSEDGE (Initial value: 0, R/W)
This bit selects whether to use either the rising edge or falling edge of CHICLK to
clock out the transmit frame sync CHIFS, relevant whenever the CHI Module is
configured as master mode.
0: falling edge
1: rising edge
3C2X
CHICLK2XMODE
CHICLK2XMODE bit (Initial value: 0, R/W)
This bit selects between 1x and 2x clock modes.
0: 1x clock mode (CHICLK frequency equals the serial data bit rate)
1: 2x clock mode (CHICLK frequency equals twice the serial data bit rate)
2REN
CHIRXEN
CHIRXEN bit (Initial value: 0, R/W)
This bit is used to enable/disable CHI receive processing in the direct CPU
read/write mode, where the CPU reads the received data through the CHI RX
holding register.
This bit has no effect when RX DMA is enabled.
0: Disable (all received data to not be processed by the CHI module)
1: Enable
Figure 16.4.1 Control Register (CTRLREG) (2/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com