Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 508 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 508 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 504Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 505Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 506Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 507Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 508Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 509Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 510Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 511Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 512Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 590 page
background image
Chapter 16 CHI Module
16-26
16.4.6
CHI Transmit Pointer B Register (TXPTRB)
0xA814
31
29
28
24
23
21
20
16
Reserved
TXPTRB3
Reserved
TXPTRB2
WW
: Type
00000
00000
: Initial value
15
13
12
8
7
5
4
0
Reserved
TXPTRB1
Reserved
TXPTRB0
WW
: Type
00000
00000
: Initial value
Bits
Mnemonic
Field Name
Description
31:29
Reserved
28:24
TXPTRB3[4:0]
CHITXPTRB3
CHITXPTRB3 bits (Initial value: 00000, W)
These bits represent the TDM switch pointer which defines the transmit channel
timeslot for byte 3 of the CHI transmit holding register B; register B handles all
timeslots from channel (CHINCHAN
+ 1) to channel (CHINCHAN × 2 + 1). The
value loaded for this TDM switch pointer is the desired timeslot number minus
(CHINCHAN
+ 1).
23:21
Reserved
20:16
TXPTRB2[4:0]
CHITXPTRB2
CHITXPTRB2 bits (Initial value: 00000, W)
These bits represent the TDM switch pointer which defines the transmit channel
timeslot for byte 2 of the CHI transmit holding register B; register B handles all
timeslots from channel (CHINCHAN
+ 1) to channel (CHINCHAN × 2 + 1). The
value loaded for this TDM switch pointer is the desired timeslot number minus
(CHINCHAN
+ 1).
15:13
Reserved
12:8
TXPTRB1[4:0]
CHITXPTRB1
CHITXPTRB1 bits (Initial value: 00000, W)
These bits represent the TDM switch pointer which defines the transmit channel
timeslot for byte 1 of the CHI transmit holding register B; register B handles all
timeslots from channel (CHINCHAN
+ 1) to channel (CHINCHAN × 2 + 1). The
value loaded for this TDM switch pointer is the desired timeslot number minus
(CHINCHAN
+ 1).
7:5
Reserved
4:0
TXPTRB0[4:0]
CHITXPTRB0
CHITXPTRB0 bits (Initial value: 00000, W)
These bits represent the TDM switch pointer which defines the transmit channel
timeslot for byte 0 of the CHI transmit holding register B; register B handles all
timeslots from channel (CHINCHAN
+ 1) to channel (CHINCHAN × 2 + 1). The
value loaded for this TDM switch pointer is the desired timeslot number minus
(CHINCHAN
+ 1).
Figure 16.4.6 CHI Transmit Pointer B Register (TXPTRB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com