Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 509 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 509 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 505Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 506Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 507Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 508Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 509Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 510Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 511Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 512Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 513Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 590 page
background image
Chapter 16 CHI Module
16-27
16.4.7
CHI SIZE Register (CHISIZE)
0xA818
31
30
29
18
17
16
Reserved
DCNT
Reserved
R: Type
000000000000
: Initial value
15
14
13
21
0
B1TM DLOP
SIZE
RDEN TDEN
R/W
R/W
W
R/W
R/W : Type
0
0
000000000000
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:30
Reserved
29:18
DCNT[13:2]
CHIDMACNT
CHIDMACNT bits (Initial value: 0000_0000_0000, R)
These bits provide the status of the CHI DMA counter.
17:16
Reserved
15
B1TM
CHIBUF1TIME
CHIBUF1TIME bit (Initial value: 0, R/W)
The CHI DMA controller supports two buffer addressing modes depending on the
state of this bit.
0: the CHI DMA controller will loop back to the start of the DMA buffer when the end
of the DMA buffer is reached and will continue operating in a continuous and
circular manner.
1: the CHI DMA controller will stop executing when it reaches the end of the DMA
buffer.
14
DLOP
CHIDMALOOP
CHIDMALOOP bit (Initial value: 0, R/W)
This bit selects loopback modes depending on the state of this bit.
0: not loopback mode.
1: loopback mode(This ordering allows an RX-to-TX immediate loopback via the
DMA buffer. Please refer to the chapter of 16.3.4
13:2
SIZE[13:2]
CHISIZE
CHISIZE bits (Initial value: 0000_0000_0000, W)
These bits define the size of the CHI DMA buffers (16 bytes minimum/16 Kbytes
maximum). Both the CHI RX buffer and the CHI TX buffer are the same size. The
last address in the CHI RX DMA buffer is given by CHIRXSTART[31:2] ·
CHISIZE[13:2]. The last address in the CHI TX DMA buffer is given by
CHITXSTART[31:2] · CHISIZE[13:2]. The value loaded into CHISIZE should be
equal to the desired buffer length-1.
1
RDEN
CHIRXDMAEN
CHIRXDMAEN bit (Initial value: 0, R/W)
This bit enables the CHI DMA receive function.
This bit should not be set until the CHIRXSTART, CHITXSTART, and CHISIZE
registers are setup. To enable CHI DMA receive function, this bit must be set before
the CHI Module is enabled (ENCHI asserted). Either CHIRXDMAEN or
CHITXDMAEN or both can be set at a time since the CHI DMA controller can
support full duplex operation.
0: Disable
1: Enable
0
TDEN
CHITXDMAEN
CHITXDMAEN bit (Initial value: 0, R/W)
This bit enables the CHI DMA transmit function.
This bit should not be set until the CHIRXSTART, CHITXSTART, and CHISIZE
registers are setup. To enable CHI DMA transmit function, this bit must be set
before the CHI Module is enabled (ENCHI asserted). Either CHIRXDMAEN or
CHITXDMAEN or both can be set at a time since the CHI DMA controller can
support full duplex operation.
0: Disable
1: Enable
Figure 16.4.7 CHI SIZE Register (CHISIZE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com