Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 551 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 551 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 547Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 548Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 549Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 550Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 551Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 552Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 553Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 554Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 555Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 551 / 590 page
background image
Chapter 19 Real Time Clock (RTC)
19-3
19.3 Operations
19.3.1
Operation
The RTC contains five 8-bit ripple counters connected in series. The first counter counts on each
C32K clock, while each successive counter only counts when the previous count stage has reached a
count of “0xFF”. Once the counters reach a count of “0xFFFFFFFFFFF”, the RTCINT interrupt will
assert to indicate that the counter is “rolling over”. Given a 44-bit counter for the RTC and an input
clock C32K of 32.768 kHz, the time until RTCINT interrupt will assert is 6213 days.
The software can generate an alarm interrupt(ALARMINT) by setting the ALARM[43:0] bits in the
Alarm Register.
Whenever the RTC becomes equal to the value set in the Alarm Register, the
ALARMINT will be triggered. The value of the RTC counter can be read via the RTC Register.
19.3.2
Interrupt
The RTC has two types interrupt sources. OR signal of them connects to the internal Interrupt
Controller (IRC).
Please check RTC Interrupt Status Register (RTCINT) to know which type of
interrupt occurred.
Type
Status Bits
Mask-able Bit
RTCINT
RTCINT in RTCINT
DSRTCINT in RTCCTRL
ALARMINT
ALARMINT in RTCINT
DSALINT in RTCCTRL
RTCINT:
This interrupt is set 44 bits of the RTC counter reach a value of “0xFFFFFFFFFFF” to alert the
software that the counter is “rolling over”.
ALARMINT:
This interrupt is set whenever the RTC counter reaches a count that is equal to the value of the
ALARM[43:0] bits set in the ALAMHI and ALARMLO Registers.
19.4 Registers
All registers should be accessed only as full word (32-bit) accesses. Any other type of access produces an
undefined result. Please write “0” to the undefined bit.
Table 19.4.1 RTC Module Registers
Reference
Address
Bit Width
Register Symbol
Register Name
19.4.1
0xF900
32-bit
RTCHI
RTC Register (High)
19.4.2
0xF904
32-bit
RTCLO
RTC Register (Low)
19.4.3
0xF908
32-bit
ALARMHI
Alarm Register (High)
19.4.4
0xF90C
32-bit
ALARMLO
Alarm Register (Low)
19.4.5
0xF910
32-bit
RTCCTRL
RTC Control Register
19.4.6
0xF914
32-bit
RTCINT
RTC Interrupt Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com