Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 553 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 553 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 549Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 550Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 551Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 552Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 553Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 554Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 555Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 556Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 557Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 590 page
background image
Chapter 19 Real Time Clock (RTC)
19-5
19.4.3
Alarm Register (High) (ALARMHI)
0xF908
31
16
Reserved
: Type
: Initial value
15
12
11
0
Reserved
ALARMHI
R/W
: Type
0x000
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:12
Reserved
11:0
ALARMHI
Alarm Register
(High)
Alarm Register (High) (Initial value: 0x000, R/W)
These bits provide the status of the bit 43 to 32 of Alarm counter.
Whenever the RTC counter reaches a count that is equal to the value of join to
these bits to Alarm Register (Low), the ALARMINT interrupt will be set.
Figure 19.4.3 Alarm Register (High) (ALARMHI)
19.4.4
Alarm Register (Low) (ALARMLO)
0xF90C
31
16
ALARMLO
R/W
: Type
0x0000
: Initial value
15
0
ALARMLO
R/W
: Type
0x0000
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:0
ALARMLO
Alarm Register
(Low)
Alarm Register (Low) (Initial value: 0x0000_0000, R/W)
These bits provide the status of the bit 31 to 0 of Alarm counter.
Whenever the RTC counter reaches a count that is equal to the value of join to
Alarm Register (High) to these bits, the ALARMINT interrupt will be set.
Figure 19.4.4 Alarm Register (Low) (ALARMLO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com