Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 554 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 554 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 550Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 551Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 552Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 553Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 554Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 555Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 556Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 557Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 558Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 554 / 590 page
background image
Chapter 19 Real Time Clock (RTC)
19-6
19.4.5
RTC Control Register (RTCCTRL)
0xF910
31
16
Reserved
: Type
: Initial value
15
8
765
43210
Reserved
DISRTINT DISALINT
FRZPRE FRZRTC RTCCLR Reserved TSTCLK RTCTST
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
1
1
0
0
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:8
Reserved
7
DISRTINT
Disable RTC
Interrupt
Disable RTC Interrupt (Initial value: 1, R/W)
Disable RTC Interrupt. If clear, the interrupt occurs when RTC counter reaches a
value of “0xffffffffff”.
1: Disable
0: Enable
6DISALINT
Disable Alarm
Interrupt
Disable Alarm Interrupt (Initial value: 1, R/W)
Disable Alarm Interrupt. If clear, the interrupt occurs when RTC counter reaches a
value that is equal to the value of Alarm count.
1: Disable
0: Enable
5
FRZPRE
Freeze Prescaler
Freeze Prescaler (Initial value: 0, R/W)
Setting this bit will cause the lower 8 bits of the RTC counter to freeze. This bit is a
test bit and customers can’t use it.
1: Freeze
0: Run
4
FRZRTC
Freeze RTC
Freeze RTC (Initial value: 0, R/W)
Setting this bit will cause the upper 36 bits of the RTC counter to freeze. This bit is
a test bit and customers can’t use it.
1: Freeze
0: Run
3
RTCCLR
RTC Clear
RTC Clear (Initial value: 0, R/W)
Setting this bit to a logic “1” will cause all 44 bits of the RTC counter to initialize to
“0x0000000_0000”. The RTC counter will stay cleared and the counter will not start
counting until this bit is cleared back to a logic “0”.
1: Stop
0: Run
2
Reserved
1TSTCLK
Enable Test
Clock
Enable Test Clock (Initial value: 0, R/W)
Setting this bit will cause the 32 kHz input clock for the RTC counter to be driven by
the IMBUSCLK instead of the 32 kHz input pin. This bit is a test bit and customers
can’t use it.
0: 32 KHz input
1: IMBUSCLK
0
RTCTST
Enable RTC Test
Enable RTC Test (Initial value: 0, R/W)
Setting this bit will cause all five of the 8-bit counters and the 4-bit counter that
comprise the RTC counter to count together. This bit is a test bit and customers
can’t use it.
0: Normal run
1: Test run
Figure 19.4.5 RTC Control Register (RTCCTRL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com