Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 552 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 552 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 548Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 549Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 550Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 551Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 552Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 553Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 554Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 555Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 556Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 590 page
background image
Chapter 19 Real Time Clock (RTC)
19-4
19.4.1
RTC Register (High) (RTCHI)
0xF900
31
16
Reserved
: Type
: Initial value
15
12
11
0
Reserved
RTCHI
R: Type
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:12
Reserved
11:0
RTCHI
RTC Register
(High)
RTC Register (High) (Initial value: undefined, R)
These bits provide the status of the bit 43 to 32 of RTC counter.
The software must read these bits twice and compare the values to ensure that the
counter is not read while the counter is counting since the CPU clock is not
synchronous with the RTC counter clock. If the two reads do not compare, the
software must read the register again to read the correct counter value.
Figure 19.4.1 RTC Register (High) (RTCHI)
19.4.2
RTC Register (Low) (RTCLO)
0xF904
31
16
RTCLO
R: Type
: Initial value
15
0
RTCLO
R: Type
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:0
RTCLO
RTC Register
(Low)
RTC Register (Low) (Initial value: undefined, R)
These bits provide the status of the bit 31 to 0 of RTC counter.
The software must read these bits twice and compare the values to ensure that the
counter is not read while the counter is counting since the CPU clock is not
synchronous with the RTC counter clock. If the two reads do not compare, the
software must read the register again to read the correct counter value.
Figure 19.4.2 RTC Register (Low) (RTCLO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com