Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 582 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 582 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 578Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 579Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 580Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 581Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 582Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 583Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 584Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 585Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 586Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 582 / 590 page
background image
Chapter 23 Pin Layout, Package
23-2
AB
C
D
E
F
G
H
J
K
20
RAS*
SDCS[0]*
DQM[1]
DQM[0]
RP*
DATA[15]
DATA[29]
DATA[28]
DATA[27]
DATA[26]
19
SDCS[1]*
DQM[3]
DQM[2]
CAS*
DATA[31]
DATA[30]
DATA[13]
DATA[12]
DATA[11]
DATA[10]
18
ADDR[6]
ADDR[5]
VDDS
WE*
VDDS
DATA[14]
VDDC
VDDS
VDDC
VDDC
17
ADDR[8]
ADDR[7]
Vss
Vss
Vss
Vss
Vss
Vss
Vss
Vss
16
ADDR[10]
ADDR[9]
VDDC
VDDS
15
ADDR[13]
ADDR[12]
ADDR[11]
Vss
14
SADDR10
ADDR[14]
VDDC
Vss
13
ADDR[18]
ADDR[19]
ADDR[16]
VDDS
12
SDCS[2]*
CKE
ADDR[17]
Vss
11
SDCLK[0]
SDCS[3]*
SCANENB* VDDS
10
SDCLK[1]
RESET*
VDDC
Vss
9
SDCLKIN
PIO[20]
TRST*
PON*
8
PIO[19]
PIO[18]
PIO[23]
VDDS
7
PIO[22]
PIO[21]
VDDC
Vss
6
PIO[27]
PIO[29]
PIO[28]
PIO[30]
5
PIO[24]
PIO[31]
PIO[25]
VDDC
TOP View
4
PIO[26]
TDO
VDDC
Vss
REQ[2]*
VDDS
Vss
VDDS
Vss
VDDS
3
TDI
TCK
VDDS
GNT[1]*
GNT[3]*
PCIAD[30] VDDC
PCIAD[25] ID_SEL
PCIAD[21]
2TMS
GNT[0]*
REQ[0]*
REQ[1]*
REQ[3]*
PCIAD[29] PCIAD[27] PCIAD[24] PCIAD[23] PCIAD[20]
1
PCICLKIO PCICLK[1]
PCICLK[2] GNT[2]*
PCIAD[31] PCIAD[28] PCIAD[26] C_BE[3]
PCIAD[22] PCIAD[19]
Table 23.1.1 Pin layout (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com