Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 584 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 584 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 580Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 581Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 582Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 583Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 584Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 585Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 586Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 587Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 588Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 584 / 590 page
background image
Chapter 23 Pin Layout, Package
23-4
Table 23.1.2 Pin Designations (Coordinates)
A1
PCICLKIO
C13
ADDR[16]
H1
C_BE[3]
P17
Vss
V13
PIO[5]
A2
TMS
C14
VDDC
H2
PCIAD[24]
P18
VDDC
V14
VDDC
A3
TDI
C15
ADDR[11]
H3
PCIAD[25]
P19
DATA[5]
V15
PIO[13]
A4
PIO[26]
C16
VDDC
H4
VDDS
P20
DATA[21]
V16
PIO[16]
A5
PIO[24]
C17
Vss
H17
Vss
R1
PCIAD[15]
V17
TEST*
A6
PIO[27]
C18
VDDS
H18
VDDS
R2
C_BE[1]
V18
VDDS
A7
PIO[22]
C19
DQM[2]
H19
DATA[12]
R3
PAR
V19
DATA[0]
A8
PIO[19]
C20
DQM[1]
H20
DATA[28]
R4
VDDC
V20
Vss
A9
SDCLKIN
D1
GNT[2]*
J1
PCIAD[22]
R17
Vss
W1
PCIAD[4]
A10
SDCLK[1]
D2
REQ[1]*
J2
PCIAD[23]
R18
DATA[19]
W2
PCIAD[5]
A11
SDCLK[0]
D3
GNT[1]*
J3
ID_SEL
R19
DATA[4]
W3
PCIAD[6]
A12
SDCS[2]*
D4
Vss
J4
Vss
R20
DATA[20]
W4
PCIAD[7]
A13
ADDR[18]
D5
VDDC
J17
Vss
T1
PCIAD[12]
W5
BWE[1]*
A14
SADDR10
D6
PIO[30]
J18
VDDC
T2
PCIAD[13]
W6
UAE
A15
ADDR[13]
D7
Vss
J19
DATA[11]
T3
PCIAD[14]
W7
ADDR[0]
A16
ADDR[10]
D8
VDDS
J20
DATA[27]
T4
VDDS
W8
ADDR[3]
A17
ADDR[8]
D9
PON*
K1
PCIAD[19]
T17
VDDS
W9
ADDR[15]
A18
ADDR[6]
D10
Vss
K2
PCIAD[20]
T18
DATA[2]
W10
CE[1]*
A19
SDCS[1]*
D11
VDDS
K3
PCIAD[21]
T19
DATA[18]
W11
PIO[4]
A20
RAS*
D12
Vss
K4
VDDS
T20
DATA[3]
W12
PIO[3]
B1
PCICLK[1]
D13
VDDS
K17
Vss
U1
PCIAD[9]
W13
PIO[10]
B2
GNT[0]*
D14
Vss
K18
VDDC
U2
PCIAD[10]
W14
PIO[9]
B3
TCK
D15
Vss
K19
DATA[10]
U3
PCIAD[11]
W15
PIO[17]
B4
TDO
D16
VDDS
K20
DATA[26]
U4
Vss
W16
PIO[15]
B5
PIO[31]
D17
Vss
L1
PCIAD[17]
U5
VDDS
W17
NMI*
B6
PIO[29]
D18
WE*
L2
PCIAD[18]
U6
BWE[2]*
W18
C32KOUT
B7
PIO[21]
D19
CAS*
L3
VDDC
U7
Vss
W19
PLLVDD
B8
PIO[18]
D20
DQM[0]
L4
Vss
U8
VDDS
W20
MASTERCLK
B9
PIO[20]
E1
PCIAD[31]
L17
VDDS
U9
CE[3]*
Y1
PCIAD[0]
B10
RESET*
E2
REQ[3]*
L18
DATA[24]
U10
PIO[0]
Y2
PCIAD[1]
B11
SDCS[3]*
E3
GNT[3]*
L19
DATA[9]
U11
Vss
Y3
PCIAD[2]
B12
CKE
E4
REQ[2]*
L20
DATA[25]
U12
VDDS
Y4
PCIAD[3]
B13
ADDR[19]
E17
Vss
M1
FRAME*
U13
PIO[6]
Y5
SYSCLK
B14
ADDR[14]
E18
VDDS
M2
C_BE[2]
U14
Vss
Y6
SWE*
B15
ADDR[12]
E19
DATA[31]
M3
PCIAD[16]
U15
PIO[7]
Y7
ADDR[1]
B16
ADDR[9]
E20
RP*
M4
VDDS
U16
Vss
Y8
ADDR[4]
B17
ADDR[7]
F1
PCIAD[28]
M17
Vss
U17
Vss
Y9
OE*
B18
ADDR[5]
F2
PCIAD[29]
M18
DATA[7]
U18
DATA[16]
Y10
CE[0]*
B19
DQM[3]
F3
PCIAD[30]
M19
DATA[23]
U19
DATA[1]
Y11
BUSSPRT
B20
SDCS[0]*
F4
VDDS
M20
DATA[8]
U20
DATA[17]
Y12
ACK*
C1
PCICLK[2]
F17
Vss
N1
STOP*
V1
C_BE[0]
Y13
PIO[11]
C2
REQ[0]*
F18
DATA[14]
N2
DEVSEL*
V2
PCIAD[8]
Y14
PIO[8]
C3
VDDS
F19
DATA[30]
N3
TRDY*
V3
VDDS
Y15
PIO[12]
C4
VDDC
F20
DATA[15]
N4
IRDY*
V4
VDDC
Y16
PIO[14]
C5
PIO[25]
G1
PCIAD[26]
N17
Vss
V5
BWE[0]*
Y17
BC32K
C6
PIO[28]
G2
PCIAD[27]
N18
VDDS
V6
BWE[3]*
Y18
C32KIN
C7
VDDC
G3
VDDC
N19
DATA[6]
V7
VDDC
Y19
PLLVSS
C8
PIO[23]
G4
Vss
N20
DATA[22]
V8
ADDR[2]
Y20
Vss
C9
TRST*
G17
Vss
P1
SERR*
V9
CE[2]*
C10
VDDC
G18
VDDC
P2
PERR*
V10
PIO[2]
C11
SCANENB*
G19
DATA[13]
P3
VDDC
V11
VDDC
C12
ADDR [17]
G20
DATA[29]
P4
Vss
V12
PIO[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com