Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 585 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 585 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 581Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 582Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 583Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 584Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 585Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 586Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 587Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 588Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 589Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 585 / 590 page
background image
Chapter 23 Pin Layout, Package
23-5
Table 23.1.3 Pin Designations (Signal name)
Y12
ACK*
G19
DATA[13]
L1
PCIAD[17]
Y19
PLLVSS
D13
VDDS
W7
ADDR[0]
F18
DATA[14]
L2
PCIAD[18]
D9
PON*
D16
VDDS
Y7
ADDR[1]
F20
DATA[15]
K1
PCIAD[19]
A20
RAS*
E18
VDDS
V8
ADDR[2]
U18
DATA[16]
K2
PCIAD[20]
C2
REQ[0]*
F4
VDDS
W8
ADDR[3]
U20
DATA[17]
K3
PCIAD[21]
D2
REQ[1]*
H4
VDDS
Y8
ADDR[4]
T19
DATA[18]
J1
PCIAD[22]
E4
REQ[2]*
H18
VDDS
B18
ADDR[5]
R18
DATA[19]
J2
PCIAD[23]
E2
REQ[3]*
K4
VDDS
A18
ADDR[6]
R20
DATA[20]
H2
PCIAD[24]
B10
RESET*
L17
VDDS
B17
ADDR[7]
P20
DATA[21]
H3
PCIAD[25]
E20
RP*
M4
VDDS
A17
ADDR[8]
N20
DATA[22]
G1
PCIAD[26]
A14
SADDR10
N18
VDDS
B16
ADDR[9]
M19
DATA[23]
G2
PCIAD[27]
C11
SCANENB*
T4
VDDS
A16
ADDR[10]
L18
DATA[24]
F1
PCIAD[28]
A11
SDCLK[0]
T17
VDDS
C15
ADDR[11]
L20
DATA[25]
F2
PCIAD[29]
A10
SDCLK[1]
U5
VDDS
B15
ADDR[12]
K20
DATA[26]
F3
PCIAD[30]
A9
SDCLKIN
U8
VDDS
A15
ADDR[13]
J20
DATA[27]
E1
PCIAD[31]
B20
SDCS[0]*
U12
VDDS
B14
ADDR[14]
H20
DATA[28]
B1
PCICLK[1]
A19
SDCS[1]*
V3
VDDS
W9
ADDR[15]
G20
DATA[29]
C1
PCICLK[2]
A12
SDCS[2]*
V18
VDDS
C13
ADDR[16]
F19
DATA[30]
A1
PCICLKIO
B11
SDCS[3]*
C17
Vss
C12
ADDR[17]
E19
DATA[31]
P2
PERR*
P1
SERR*
D4
Vss
A13
ADDR[18]
N2
DEVSEL*
U10
PIO[0]
N1
STOP*
D7
Vss
B13
ADDR[19]
D20
DQM[0]
V12
PIO[1]
Y6
SWE*
D10
Vss
Y17
BC32K
C20
DQM[1]
V10
PIO[2]
Y5
SYSCLK
D12
Vss
Y11
BUSSPRT
C19
DQM[2]
W12
PIO[3]
B3
TCK
D14
Vss
V5
BWE[0]*
B19
DQM[3]
W11
PIO[4]
A3
TDI
D15
Vss
W5
BWE[1]*
M1
FRAME*
V13
PIO[5]
B4
TDO
D17
Vss
U6
BWE[2]*
B2
GNT[0]*
U13
PIO[6]
V17
TEST*
E17
Vss
V6
BWE[3]*
D3
GNT[1]*
U15
PIO[7]
A2
TMS
F17
Vss
D19
CAS*
D1
GNT[2]*
Y14
PIO[8]
N3
TRDY*
G4
Vss
Y10
CE[0]*
E3
GNT[3]*
W14
PIO[9]
C9
TRST*
G17
Vss
W10
CE[1]*
J3
ID_SEL
W13
PIO[10]
W6
UAE
H17
Vss
V9
CE[2]*
N4
IRDY*
Y13
PIO[11]
C4
VDDC
J4
Vss
U9
CE[3]*
W20
MASTERCLK
Y15
PIO[12]
C7
VDDC
J17
Vss
B12
CKE
W17
NMI*
V15
PIO[13]
C10
VDDC
K17
Vss
Y18
C32KIN
Y9
OE*
Y16
PIO[14]
C14
VDDC
L4
Vss
W18
C32KOUT
R3
PAR
W16
PIO[15]
C16
VDDC
M17
Vss
V1
C_BE[0]
Y1
PCIAD[0]
V16
PIO[16]
D5
VDDC
N17
Vss
R2
C_BE[1]
Y2
PCIAD[1]
W15
PIO[17]
G3
VDDC
P4
Vss
M2
C_BE[2]
Y3
PCIAD[2]
B8
PIO[18]
G18
VDDC
P17
Vss
H1
C_BE[3]
Y4
PCIAD[3]
A8
PIO[19]
J18
VDDC
R17
Vss
V19
DATA[0]
W1
PCIAD[4]
B9
PIO[20]
K18
VDDC
U4
Vss
U19
DATA[1]
W2
PCIAD[5]
B7
PIO[21]
L3
VDDC
U7
Vss
T18
DATA[2]
W3
PCIAD[6]
A7
PIO[22]
P3
VDDC
U11
Vss
T20
DATA[3]
W4
PCIAD[7]
C8
PIO[23]
P18
VDDC
U14
Vss
R19
DATA[4]
V2
PCIAD[8]
A5
PIO[24]
R4
VDDC
U16
Vss
P19
DATA[5]
U1
PCIAD[9]
C5
PIO[25]
V4
VDDC
U17
Vss
N19
DATA[6]
U2
PCIAD[10]
A4
PIO[26]
V7
VDDC
V20
Vss
M18
DATA[7]
U3
PCIAD[11]
A6
PIO[27]
V11
VDDC
Y20
Vss
M20
DATA[8]
T1
PCIAD[12]
C6
PIO[28]
V14
VDDC
D18
Vss
L19
DATA[9]
T2
PCIAD[13]
B6
PIO[29]
C3
VDDS
K19
DATA[10]
T3
PCIAD[14]
D6
PIO[30]
C18
VDDS
J19
DATA[11]
R1
PCIAD[15]
B5
PIO[31]
D8
VDDS
H19
DATA[12]
M3
PCIAD[16]
W19
PLLVDD
D11
VDDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com