Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 587 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 587 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 582Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 583Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 584Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 585Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 586Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 587Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 588Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 589Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 590Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 587 / 590 page
background image
Chapter 24 Usage Notes
24-1
24. Usage Notes
24.1 Limitation on DMA Data Chaining
•
Overview
The DMA Controller works incorrectly if the DMCCRn.IMMCHN bit is cleared and the address
increment value (DMSAIRn/DMDAIRn) is negative. The DMA Controller might also work
incorrectly regardless of the setting of the DMCCRn.IMMCHN bit if a dynamic or typical DMA
chaining is performed after completion of a transfer with a negative address increment.
•
Symptom
The DMA Controller might read wrong data or write data to wrong addresses.
•
Workaround Measure
Keep the DMCCRn.IMMCHN bit set. Make sure the DMSAIRn and DMDAIRn values for the
last descriptor are equal to or greater than 0 before adding the next command descriptor chain for
dynamic DMA chaining. For DMA data chaining with a negative address increment, write 0 or a
positive number once, then the desired negative increment value to the DMSAIRn/DMDAIRn.
24.2 Limitation on a Register Read After an SIO Software Reset
•
Overview
Immediately reading a register after a software reset (seting “1” to bit 15 of the SIFCRx
Register) results in the SIO not responding and the bus locking up.
•
Symptom
After a software reset (setting “1” to bit 15 of the SIFCRx Register), IMBUSCLK resets SIO for
four clock cycles. During this reset, the SIO does not recognize that it has been accessed even
when it has been accessed. The bus locks up since the device that accesses the SIO waits for a
response from the SIO. A bus error will then be issued if timeout errors have been enabled.
•
Workaround Measure
After the software reset, perform a dummy read operation to the register of a different module on
the IM-Bus, then access the SIO register. Performing the dummy access on the IM-Bus requires
eight IMBUSCLK cycles to complete, making it possible to avoid the problem since this is longer
than the amount of time the SIO reset requires.
24.3 Other Precautions
•
Always set bit 4 in the G-Bus Arbiter Control register (GARBC) to 1. Clearing this bit might cause
arbitration deadlocks.
•
There are restrictions for address increment values regarding DMA burst transfers. For a detailed
description, see Section 8.3.7, “Single Address Transfer,” and Section 8.3.8, “Dual Address
Transfer.”
•
The four target address spaces (MEM0, MEM1, MEM2 and IO) of the PCI Controller may not
overlap. See Section 10.3.5, “Target Access.”
•
It is recommended to set the G2P Timeout register (GPTOCNT) to 0. See Section 10.4.12, “G2P
Timeout Count Register.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com