Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 583 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 583 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 579Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 580Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 581Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 582Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 583Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 584Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 585Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 586Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 587Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 590 page
background image
Chapter 23 Pin Layout, Package
23-3
L
M
NP
R
T
UV
W
Y
DATA[25]
DATA[8]
DATA[22]
DATA[21]
DATA[20]
DATA[3]
DATA[17]
Vss
MASTERCLK
Vss
20
DATA[9]
DATA[23]
DATA[6]
DATA[5]
DATA[4]
DATA[18]
DATA[1]
DATA[0]
PLLVDD
PLLVSS
19
DATA[24]
DATA[7]
VDDS
VDDC
DATA[19]
DATA[2]
DATA[16]
VDDS
C32KOUT
C32KIN
18
VDDS
Vss
Vss
Vss
Vss
VDDS
Vss
TEST*
NMI*
BC32K
17
Vss
PIO[16]
PIO[15]
PIO[14]
16
PIO[7]
PIO[13]
PIO[17]
PIO[12]
15
Vss
VDDC
PIO[9]
PIO[8]
14
PIO[6]
PIO[5]
PIO[10]
PIO[11]
13
VDDS
PIO[1]
PIO[3]
ACK*
12
Vss
VDDC
PIO[4]
BUSSPRT
11
PIO[0]
PIO[2]
CE[1]*
CE[0]*
10
CE[3]*
CE[2]*
ADDR[15]
OE*
9
VDDS
ADDR[2]
ADDR[3]
ADDR[4]
8
Vss
VDDC
ADDR[0]
ADDR[1]
7
BWE [2]*
BWE [3]*
UAE
SWE*
6
TOP View VDDS
BWE [0]*
BWE [1]*
SYSCLK
5
Vss
VDDS
IRDY*
Vss
VDDC
VDDS
Vss
VDDC
PCIAD[7]
PCIAD[3]
4
VDDC
PCIAD[16] TRDY*
VDDC
PAR
PCIAD[14] PCIAD[11] VDDS
PCIAD[6]
PCIAD[2]
3
PCIAD[18] C_BE[2]
DEVSEL*
PERR*
C_BE[1]
PCIAD[13] PCIAD[10] PCIAD[8]
PCIAD[5]
PCIAD[1]
2
PCIAD[17] FRAME*
STOP*
SERR*
PCIAD[15] PCIAD[12] PCIAD[9]
C_BE[0]
PCIAD[4]
PCIAD[0]
1
Table 23.1.1 Pin layout (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com