Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 18 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 18 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 14Page - Microchip Technology ZL40294 Datasheet HTML 15Page - Microchip Technology ZL40294 Datasheet HTML 16Page - Microchip Technology ZL40294 Datasheet HTML 17Page - Microchip Technology ZL40294 Datasheet HTML 18Page - Microchip Technology ZL40294 Datasheet HTML 19Page - Microchip Technology ZL40294 Datasheet HTML 20Page - Microchip Technology ZL40294 Datasheet HTML 21Page - Microchip Technology ZL40294 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
ZL40294
DS20006768B-page 18
2023 Microchip Technology Inc.
Both the SBI and the traditional interface feed common output enable/disable synchronization logic ensuring glitch free
enable and disable outputs, regardless of the method used.
Both interfaces are not active at the same time, and the SBEN pin selects which interface is active. Tying the SBEN high
enables the SBI. Tying the SBEN pin low enables the traditional OE# pin/SMBus output-enable interface.
When the SBI is enabled, OE[7:9, 11,12]# are disabled and vDATA, vCLK and vSHFT_LD# are enabled on vOE5#,
vOE6# and vOE10# respectively. Additionally, SMBus registers for masking off the disable function of the shift register
(0 value of a bit) become active.
When set to 1, the mask register forces its respective output to ‘enabled.’ This prevents accidentally disabling critical
outputs when using the SBI.
A SMBus read-back bit in Byte 4 indicates which output-enable control interface is enabled.
When the SBI is enabled and power has been applied, the SBI is active, even if the PWRGD/PWRDN# pin indicates
the part is in powerdown. This allows loading the shift register and transferring the contents to the output register before
the assertion of PWRGD.
Note that the mask registers are part of the normal SMBus interface and cannot be accessed when the PWRGD/
PWRDN# is low. Figure 3-13 provides a functional description of the SBI.
The SBI and the traditional SMBus output-enable registers both default to the ‘output enabled’ state at power-up. The
mask registers default to zero at power-up, allowing the shift register bits to disable their respective output.
FIGURE 3-13:
SIDE-BAND INTERFACE CONTROL LOGIC (FUNCTIONAL DESCRIPTION).
Figure 3-14 shows the basic timing of the side-band interface. The vSHFT_LD# pin goes high to enable the CLK input.
Next, the rising edge of CLK clocks enable vDATA into the shift register. After the 20th clock cycle for output 19, it stops
the clock low and drive the vSHFT_LD# pin low. The falling edge of vSHFT_LD# clocks the shift register contents to the
output register, enabling or disabling the outputs. It always shifts 20 bits of data into the shift register to control the out-
puts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com