Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 1 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 1 Page - Microchip Technology

  ZL40294 Datasheet HTML 1Page - Microchip Technology ZL40294 Datasheet HTML 2Page - Microchip Technology ZL40294 Datasheet HTML 3Page - Microchip Technology ZL40294 Datasheet HTML 4Page - Microchip Technology ZL40294 Datasheet HTML 5Page - Microchip Technology ZL40294 Datasheet HTML 6Page - Microchip Technology ZL40294 Datasheet HTML 7Page - Microchip Technology ZL40294 Datasheet HTML 8Page - Microchip Technology ZL40294 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
2023 Microchip Technology Inc.
DS20006768B-page 1
Features
• Fully Compliant with Intel DB2000QL Specifica-
tion
• 20 Low-Power Push-Pull HCSL PCIe Outputs
• Supports Latest PCIe Gen 5.0 and Gen 6.0 Spec
• Ultra-Low Additive Jitter: 14 fs Typical in
DB2000QL Band
• Supports Clock Frequencies from 0 MHz to
250 MHz
• Supports 3.3V Power Supplies
• Embedded Low Drop Out (LDO) Voltage
Regulator Provides Superior Power Supply Noise
Rejection
• Maximum Output to Output Skew of 50 ps
• SMBus Interface
• Side-Band Interface (SBI)
• Eight OE Pins
• Embedded Series Termination Resistors for 85Ω
Differential Transmission Line
• Transparent for Spread Spectrum Clock
Applications
• PCI Express generation 1/2/3/4/5/6 clock
distribution
• Intel QPI
• Servers
• Storage and Data Centers
• Switches and Routers
FIGURE 0-1:
Functional Block Diagram
ZL40294
20-Output DB2000QL Buffer with Ultra-Low Additive Jitter


Similar Part No. - ZL40294

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40292 MICROSEMI-ZL40292 Datasheet
928Kb / 28P
20-Output DB2000Q Buffer with Ultra Low Additive Jitter
March 2019
ZL40292LDF1 MICROSEMI-ZL40292LDF1 Datasheet
928Kb / 28P
20-Output DB2000Q Buffer with Ultra Low Additive Jitter
March 2019
ZL40292LDG1 MICROSEMI-ZL40292LDG1 Datasheet
928Kb / 28P
20-Output DB2000Q Buffer with Ultra Low Additive Jitter
March 2019
ZL40293 MICROSEMI-ZL40293 Datasheet
902Kb / 29P
20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
March 2019
ZL40293LDF1 MICROSEMI-ZL40293LDF1 Datasheet
902Kb / 29P
20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
March 2019
More results

Similar Description - ZL40294

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00308 TI1-LMK00308_16 Datasheet
2Mb / 42P
3-GHz 8-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_17 Datasheet
2Mb / 39P
3-GHz 10-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
logo
Microsemi Corporation
ZL40240 MICROSEMI-ZL40240 Datasheet
1Mb / 34P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
February 2017
ZL40241 MICROSEMI-ZL40241 Datasheet
745Kb / 23P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
October 2018
ZL40292 MICROSEMI-ZL40292 Datasheet
928Kb / 28P
20-Output DB2000Q Buffer with Ultra Low Additive Jitter
March 2019
ZL40293 MICROSEMI-ZL40293 Datasheet
902Kb / 29P
20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com