Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 17 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 17 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 13Page - Microchip Technology ZL40294 Datasheet HTML 14Page - Microchip Technology ZL40294 Datasheet HTML 15Page - Microchip Technology ZL40294 Datasheet HTML 16Page - Microchip Technology ZL40294 Datasheet HTML 17Page - Microchip Technology ZL40294 Datasheet HTML 18Page - Microchip Technology ZL40294 Datasheet HTML 19Page - Microchip Technology ZL40294 Datasheet HTML 20Page - Microchip Technology ZL40294 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
2023 Microchip Technology Inc.
DS20006768B-page 17
ZL40294
3.13 SMBus Block Read/Write
Read. After the client address is sent with the r/w condition bit set, the command byte is sent with the MSB = 0. The
client Ack’s the register index in the command byte. The host sends a repeat start function. After the client Ack’s this the
client sends the number of bytes it wants to transfer (>0 and <33). The host Ack’s each byte except the last and sends
a stop function.
FIGURE 3-11:
SMBUS BLOCK READ.
Write. After the client address is sent with the r/w condition bit not set, the command byte is sent with the MSB = 0. The
lower seven bits indicate what register to start the transfer at. If the command byte is 00h, the client device will be com-
patible with existing block mode client devices. The next byte of a write must be the count of bytes that the host will
transfer to the client device. The byte count must be greater than zero and less than 33. Following this byte are the data
bytes to be transferred to the client device. The client device always acknowledges each byte received. The transfer is
terminated after the client sends the Ack and the host sends a stop function.
FIGURE 3-12:
SMBUS BLOCK WRITE.
3.14 Side-Band Interface
Besides OE pins and SMBUS interface the device outputs can be enabled/disabled via a simple 3-wire serial interface
referred to as the Side-Band Interface (SBI).
This interface consists of the vDATA, vCLK and vSHFT_LD# pins. When the vSHFT_LD# pin is high, the rising edge of
vCLK can shift vDATA into the shift register. After shifting data, the falling edge of vSHFT_LD# clocks the shift register
contents to the Output register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com