Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 12 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 12 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 8Page - Microchip Technology ZL40294 Datasheet HTML 9Page - Microchip Technology ZL40294 Datasheet HTML 10Page - Microchip Technology ZL40294 Datasheet HTML 11Page - Microchip Technology ZL40294 Datasheet HTML 12Page - Microchip Technology ZL40294 Datasheet HTML 13Page - Microchip Technology ZL40294 Datasheet HTML 14Page - Microchip Technology ZL40294 Datasheet HTML 15Page - Microchip Technology ZL40294 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
ZL40294
DS20006768B-page 12
2023 Microchip Technology Inc.
FIGURE 3-3:
INPUT DRIVEN BY A SINGLE ENDED OUTPUT.
3.2
Clock Outputs
Differential outputs have embedded termination resistors as shown in Figure 3-4. This provides significant saving rela-
tive to traditional current based HCSL outputs which require four resistors per differential pair (80 resistors for 20 out-
puts).
Embedded termination resistors in ZL40294 are matched for 85Ω differential transmission line.
FIGURE 3-4:
TERMINATING DIFFERENTIAL OUTPUTS.
3.3
Termination of unused outputs
Unused outputs should be left unconnected.
3.4
Power Supply Filtering
Each power pin (VDDA and VDD) should be decoupled with 0.1 µF capacitor with minimum equivalent series resistance
(ESR) and minimum series inductance (ESL). For example, 0402 X5R Ceramic Capacitors with 6.3V minimum rating
could be used. These capacitors should be placed as close as possible to the power pins. To reduce the power noise
from adjacent digital components on the board each power supply could be further insulated with low DC resistance
ferrite bead with two capacitors. The ferrite bead will also insulate adjacent component from the noise generated from
the device. Figure 3-5 shows recommended decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com