Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 38 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 38 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 34Page - Microchip Technology ZL40294 Datasheet HTML 35Page - Microchip Technology ZL40294 Datasheet HTML 36Page - Microchip Technology ZL40294 Datasheet HTML 37Page - Microchip Technology ZL40294 Datasheet HTML 38Page - Microchip Technology ZL40294 Datasheet HTML 39Page - Microchip Technology ZL40294 Datasheet HTML 40Page - Microchip Technology ZL40294 Datasheet HTML 41Page - Microchip Technology ZL40294 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
ZL40294
DS20006768B-page 38
2023 Microchip Technology Inc.
7.0
PACKAGE OUTLINE
80-Lead 6 mm x 6 mm WGQFN Package Outline and Recommended Land Pattern
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
https://www.microchip.com/packaging/
%
$
 &
 &

& $ %

&
&
6($7,1*
3/$1(
127( 
;
723 9,(:
6,'( 9,(:
%27720 9,(:
127( 

& $ %

& $ %
 &
 &
0LFURFKLS7HFKQRORJ\'UDZLQJ& 5HY $ 6KHHW  RI 
;
;
$
$
'
(
'
(
H
; ‘E
.
H

$
%
&
'
(
)
*
+
-
.
/
0



   



   
$
%
&
'
(
)
*
+
-
.
/
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com