Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 34 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 34 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 30Page - Microchip Technology ZL40294 Datasheet HTML 31Page - Microchip Technology ZL40294 Datasheet HTML 32Page - Microchip Technology ZL40294 Datasheet HTML 33Page - Microchip Technology ZL40294 Datasheet HTML 34Page - Microchip Technology ZL40294 Datasheet HTML 35Page - Microchip Technology ZL40294 Datasheet HTML 36Page - Microchip Technology ZL40294 Datasheet HTML 37Page - Microchip Technology ZL40294 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
ZL40294
DS20006768B-page 34
2023 Microchip Technology Inc.
5.4
Side-Band Interface Characteristics
FIGURE 5-7:
SIDE-BAND INTERFACE TIMING.
TABLE 5-10: SIDE-BAND INTERFACE
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
1
Clock Period
tPERIOD
40
—
—
ns
—
2
vSHFT_LD# setup to vCLK ris-
ing edge
tSETUP
15
—
—
ns
—
3
vDATA setup to vCLK rising
edge
tDSU
10
—
—
ns
—
4
vDATA hold after vCLK rising
edge
tDSHOLD
5
—
—
ns
—
5
Delay from vCLK rising edge to
vSHFT_LD# falling edge
tDELAY
15
—
—
ns
—
6
Delay from vSHFT_LD# falling
edge to next output configura-
tion taking effect
tPD
4
—
10
clocks
Note 1
7
Slew Rate
tSLEW
0.5
—
—
V/ns
—
Note 1: Refers to device differential input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com