Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 32 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 32 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 28Page - Microchip Technology ZL40294 Datasheet HTML 29Page - Microchip Technology ZL40294 Datasheet HTML 30Page - Microchip Technology ZL40294 Datasheet HTML 31Page - Microchip Technology ZL40294 Datasheet HTML 32Page - Microchip Technology ZL40294 Datasheet HTML 33Page - Microchip Technology ZL40294 Datasheet HTML 34Page - Microchip Technology ZL40294 Datasheet HTML 35Page - Microchip Technology ZL40294 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
ZL40294
DS20006768B-page 32
2023 Microchip Technology Inc.
TABLE 5-6:
DIFFERENTIAL OUTPUT CLOCK AC CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
1
Clock Stabilization Time
from PWRGD
TSTAB
—
—
1.8
ms
Note 1
2
Edge Rate at VCROSS
EDGE_RATE
2
—
20
V/ns
Note 1
3
Slew Rate at VCROSS
RISE_MATCHING/
FALL_MATCHING
—
—
20%
V
Note 1
Note 1: Measured into Figure 5-5 AC test load.
TABLE 5-7:
DIFFERENTIAL INPUT CLOCK AC CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Units
1
Edge Rate
Input_Slew_Rate
0.7
—
—
V/ns
2
Total Variation of VCROSS over
All Edges
Total_∆_Vcross
—
—
140
mV
3
Input Voltage
Input_Voltage
200
—
—
mv diff
TABLE 5-8:
CURRENT CONSUMPTION
Parameter
Parameter Condition Symbol
Min.
Typ.
Max.
Units
Notes
1
Active Mode Supply
Current
fIN = 100 MHz, All CKx/
CKx# outputs enabled
IDDPG
—
205
240
mA
Note 1,
Note 2
2
fIN = 100 MHz, All CKx/
CKx# outputs disabled
—
48
55
Note 1,
Note 3
3
fIN = 133 MHz, All CKx/
CKx# outputs enabled
—
257
308
Note 1,
Note 2
4
fIN = 133 MHz, All CKx/
CKx# outputs disabled
—
49
56
Note 1,
Note 3
5
Power Down Mode
Supply Current
fIN = 100 MHz
IDDPD
—
21
25
mA
Note 1,
Note 4
6
fIN = 133 MHz
—
22
26
Note 1,
Note 4
Note 1: VDD = 3.3V + 5%.
2: Device operating in active mode (Pin PWRGD/PWRDN# = 1) with all 20 CKx/CKx# outputs enabled (all
OE_xN pin = 0, all OCR1, OCR2, OCR3 register OEx bits = 1).
3: Device operating in active mode (Pin PWRGD/PWRDN# = 1) with all 20 CKx/CKx# outputs disabled (all
OCR1, OCR2, OCR3 register OEx bits = 0).
4: Device operating in low power mode (Pin PWRGD/PWRDN# = 0).
TABLE 5-9:
SMBUS ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
1
Nominal Bus Voltage
VDD(SMB)
2.7
—
5.5
V
1
2
Input Low Voltage
VIL
—
—
0.8
V
—
3
Input High Voltage
VIH
2.1
—
VDD(SMB)
V
—
4
Output Low Voltage
VOL
—
—
0.4
V
At IPULLUP(MAX)
Note 1: 3V to 5V ±10%.
2: Rise and fall time is defined as follows: TR = (VIL(MAX) – 0.15) to (VIH(MIN) + 0.15), TF = (VIH(MIN) + 0.15) to
(VIL(MAX) – 0.15).
3: Devices must provide a means to reject noise spikes of a duration up to the maximum specified value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com