Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 33 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 33 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 29Page - Microchip Technology ZL40294 Datasheet HTML 30Page - Microchip Technology ZL40294 Datasheet HTML 31Page - Microchip Technology ZL40294 Datasheet HTML 32Page - Microchip Technology ZL40294 Datasheet HTML 33Page - Microchip Technology ZL40294 Datasheet HTML 34Page - Microchip Technology ZL40294 Datasheet HTML 35Page - Microchip Technology ZL40294 Datasheet HTML 36Page - Microchip Technology ZL40294 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
2023 Microchip Technology Inc.
DS20006768B-page 33
ZL40294
FIGURE 5-6:
SMBUS TIMING.
5
Input Leakage Current
ILEAK
—
—
±10
µA
—
6
Current Sinking at VOL(MAX)
IPULLUP
4
—
—
mA
—
7
Pin Capacitive Load
CI
—
—
10
pF
—
8
Signal Noise Immunity from
10 MHz to 100 MHz
VNOISE
300
—
—
mVp-p
—
9
Noise Spike Suppression Time
TSPIKE
0
—
50
ns
3
10
SMBus Operating Frequency
FSMB
10
—
400
kHz
—
11
Bus Free Time Between Stop
and Start Condition
TBUF
4.7
—
—
µs
—
12
Hold Time After (Repeated)
Start Condition
THD-STA
4.0
—
—
µs
After this period,
the first clock is
generated.
13
Repeated Start Condition
Setup Time
TSU-STA
4.7
—
—
µs
—
14
Stop Condition Setup Time
TSU-STO
4.0
—
—
µs
—
15
Data Hold Time
THD-DAT
300
—
—
ns
—
16
Data Setup Time
TSU-DAT
250
—
—
ns
—
17
Clock Low Period
TLOW
4.7
—
—
µs
——
18
Clock High Period
THIGH
4.0
—
50
µs
—
19
Clock/Data Fall Time
TF
—
—
300
ns
2
20
Clock/Data Rise Time
TR
—
—
1000
ns
2
TABLE 5-9:
SMBUS ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Note 1: 3V to 5V ±10%.
2: Rise and fall time is defined as follows: TR = (VIL(MAX) – 0.15) to (VIH(MIN) + 0.15), TF = (VIH(MIN) + 0.15) to
(VIL(MAX) – 0.15).
3: Devices must provide a means to reject noise spikes of a duration up to the maximum specified value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com