Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 27 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 27 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 23Page - Microchip Technology ZL40294 Datasheet HTML 24Page - Microchip Technology ZL40294 Datasheet HTML 25Page - Microchip Technology ZL40294 Datasheet HTML 26Page - Microchip Technology ZL40294 Datasheet HTML 27Page - Microchip Technology ZL40294 Datasheet HTML 28Page - Microchip Technology ZL40294 Datasheet HTML 29Page - Microchip Technology ZL40294 Datasheet HTML 30Page - Microchip Technology ZL40294 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
2023 Microchip Technology Inc.
DS20006768B-page 27
ZL40294
5.0
AC AND DC ELECTRICAL CHARACTERISTICS
5.1
Absolute Maximum Ratings
5.2
DC Electrical Specification
TABLE 5-1:
ABSOLUTE MAXIMUM RATINGS*
Bit
Parameter
Symbol
Min.
Max.
Units
Notes
1
3.3V Core Supply Voltage
VDD_A
—
4.6
V
Note 3
2
3.3V I/O Supply Voltage
VDD
—
4.6
V
Note 3
5
3.3V Input High Voltage
VIH
—
4.6
V
Note 1, Note 3
—
3.3V Input Low Voltage
VIL
–0.5
—
V
Note 3
—
Storage Temperature
TS
–65
150
°C
Note 3
6
Input ESD Protection
VDD-IN
—
—
V
Note 2
* Exceeding these values may cause permanent damage.
* Functional operation under these conditions is not implied.
* Voltages are with respect to ground (GND) unless otherwise stated.
Note 1: Maximum VIH is not to exceed maximum VDD.
2: Human body model.
3: Consult manufacturer regarding extended operation in excess of normal DC operating parameters.
TABLE 5-2:
DC OPERATING CHARACTERISTICS*
Bit
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
1
3.3V Core Supply Voltage
VDD_A
3.135
3.3
3.465
V
—
2
3.3V I/O Supply Voltage
VDD
3.135
3.3
3.465
V
—
3
3.3V Input High Voltage
VIH
2.0
—
VDD+0.3
V
—
4
3.3V Input Low Voltage
VIL
VSS-0.3
—
0.8
V
—
5
Input Leakage Curent
IIL
–5
—
+5
µA
—
6
Input Low Voltage, 3-Level
CMOS Input
VIL3
VSS-0.3
—
0.9
V
Note 1
7
Input Midrange Voltage, 3-Level
CMOS Input
VIM3
1.3
—
1.8
V
Note 1
8
Input High Voltage, 3-Level
CMOS Input
VIH3
2.4
—
VDD
V
Note 1
9
Input Capacitance
CIN
—
—
4.5
pF
Note 2
10
Output Capacitance
COUT
—
—
4.5
pF
Note 2
11
Ambient Temperature
TA
–40
—
85
°C
—
* Voltages are with respect to ground (GND) unless otherwise stated.
Note 1: Spec assumption based on Intel DB1900Z specification revision 1.5 Table 3-2. VIL3,min changed from 0
to VSS-0.3 to match DB2000QL VIL,min spec.
2: For parasitic simulation, use IBIS model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com