Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 14 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 14 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 10Page - Microchip Technology ZL40294 Datasheet HTML 11Page - Microchip Technology ZL40294 Datasheet HTML 12Page - Microchip Technology ZL40294 Datasheet HTML 13Page - Microchip Technology ZL40294 Datasheet HTML 14Page - Microchip Technology ZL40294 Datasheet HTML 15Page - Microchip Technology ZL40294 Datasheet HTML 16Page - Microchip Technology ZL40294 Datasheet HTML 17Page - Microchip Technology ZL40294 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
ZL40294
DS20006768B-page 14
2023 Microchip Technology Inc.
3.8
PWRGD / PWRDN#
PWRGD is asserted high and de-asserted low. De-assertion of PWRGD (pulling the signal low) is equivalent to indicat-
ing a powerdown condition. PWRGD (assertion) is used by the ZL40294 to sample initial configurations such as SA
selections.
After PWRGD has been asserted high for the first time, the pin becomes a PWRDN# (Power Down) pin which is used
to disable (drive low/low) all clocks cleanly and instruct the device to invoke power savings mode. PWRDN# is a com-
pletely asynchronous active low input. When entering power savings mode, PWRDN# should be asserted low prior to
shutting off the input clock or power to ensure all clocks shut down in a glitch free manner. When PWRDN# is de-
asserted high, all clocks will start and stop without any abnormal behavior and will meet all AC and DC parameters.
The assertion and de-assertion of PWRDN# is asynchronous.
Disabling of the CK_IN input clock prior to assertion of PWRDN# is an undefined mode and not recommended. Oper-
ation in this mode may result in glitches.
3.9
PWRDN# Assertion
When PWRDN# is sampled low by two consecutive rising edges of CK#, all differential outputs will be disabled on the
next CK# high to low transition.
FIGURE 3-6:
PWRDN# ASSERTION
3.10 PWRGD Assertion
PWRGD to the clock buffer should not be asserted before VDD reaches VDD(MIN). Prior to VDD(MIN) it is recommended
to hold PWRGD low (less than 0.5 V).
TABLE 3-2:
PWRGD/PWRDN# FUNCTIONALITY
PWRGD/PWRDN#
CK
CK#
0
Low
Low
1
Normal
Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com