Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 11 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 11 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 7Page - Microchip Technology ZL40294 Datasheet HTML 8Page - Microchip Technology ZL40294 Datasheet HTML 9Page - Microchip Technology ZL40294 Datasheet HTML 10Page - Microchip Technology ZL40294 Datasheet HTML 11Page - Microchip Technology ZL40294 Datasheet HTML 12Page - Microchip Technology ZL40294 Datasheet HTML 13Page - Microchip Technology ZL40294 Datasheet HTML 14Page - Microchip Technology ZL40294 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
2023 Microchip Technology Inc.
DS20006768B-page 11
ZL40294
3.0
FUNCTIONAL DESCRIPTION
The ZL40294 is an ultra-low additive jitter, low power 1 to 20 fanout buffer which is fully compliant with Intel DB2000QL
Standard.
The device operates from 3.3V+/-5% supply as per Intel spec. Its operation is guaranteed over the industrial tempera-
ture range -40°C to +85°C.
3.1
Clock Inputs
The following blocks diagram shows how to terminate different signals fed to the inputs of ZL40294 device.
The device input can be fed with transmission lines of any impedance. Examples below show only 50Ω single ended,
85Ω differential and 100Ω differential which are the most common ones in practice. Figure 3-1 and Figure 3-2 show how
to terminate the input when driven from a push-pull and traditional HCSL drivers respectively.
Figure 3-3 shows how to terminate a single ended output such as LVCMOS. This example assumes 50Ω transmission
line which is the most common for single ended CMOS signaling. Ideally, resistors R1 and R2 should be 100Ω each and
RO + RS should be 50Ω so that the transmission line is terminated at both ends with characteristic impedance.
If the driving strength of the output driver is not sufficient to drive low impedance, the value of series resistor RS should
be increased. This will reduce the voltage swing at the input but this should be fine as long as the input voltage swing
requirement is not violated (Figure 3-3). The source resistors of RS = 270Ω could be used for standard LVCMOS driver.
This will provide 516 mV of voltage swing for 3.3V LVCMOS driver with load current of (3.3V/2) *(1/(270Ω + 50Ω)) =
5.16 mA.
For optimum performance both differential input pins (_p and _n) need to be DC biased to the same voltage. Hence, the
ratio R1/R2 should be equal to the ratio R3/R4.
FIGURE 3-1:
INPUT DRIVEN BY A PUSH-PULL DIFFERENTIAL OUTPUT.
FIGURE 3-2:
INPUT DRIVEN BY AN HCSL OUTPUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com