Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 35 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 35 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 31Page - Microchip Technology ZL40294 Datasheet HTML 32Page - Microchip Technology ZL40294 Datasheet HTML 33Page - Microchip Technology ZL40294 Datasheet HTML 34Page - Microchip Technology ZL40294 Datasheet HTML 35Page - Microchip Technology ZL40294 Datasheet HTML 36Page - Microchip Technology ZL40294 Datasheet HTML 37Page - Microchip Technology ZL40294 Datasheet HTML 38Page - Microchip Technology ZL40294 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
2023 Microchip Technology Inc.
DS20006768B-page 35
ZL40294
TABLE 5-11: 6 MM × 6 MM GQFN PACKAGE THERMAL PROPERTIES
Parameter
Symbol
Conditions
Value
Units
Maximum Ambient Temperature
TA
—
85
°C
Maximum Junction Temperature
TJ(MAX)
—
125
°C
Junction to Ambient Thermal Resis-
tance (Note 1)
θJA
Still air
32.42
°C/W
1 m/s airflow
27.67
2.5 m/s airflow
26.33
Junction to Board Thermal Resistance
θJB
—
12.48
°C/W
Junction to Case Thermal Resistance
θJC
—
21.33
°C/W
Junction to Pad Thermal Resistance
(Note 2)
θJT
Still air
1.83
°C/W
Junction to Top-Center Thermal Char-
acterization Parameter
ψJT
Still air
0.25
°C/W
Note 1: Theta-JA (θJA) is the thermal resistance from junction to ambient when the package is mounted on a 4-
layer JEDEC standard test board and dissipating maximum power
2: Theta-JP (θJP) is the thermal resistance from junction to the center exposed pad on the bottom of the
package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com