Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 16 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 16 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 12Page - Microchip Technology ZL40294 Datasheet HTML 13Page - Microchip Technology ZL40294 Datasheet HTML 14Page - Microchip Technology ZL40294 Datasheet HTML 15Page - Microchip Technology ZL40294 Datasheet HTML 16Page - Microchip Technology ZL40294 Datasheet HTML 17Page - Microchip Technology ZL40294 Datasheet HTML 18Page - Microchip Technology ZL40294 Datasheet HTML 19Page - Microchip Technology ZL40294 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
ZL40294
DS20006768B-page 16
2023 Microchip Technology Inc.
3.12 SMBus Byte Read/Write
Reading or writing a register in a SMBus client device in byte mode always involves specifying the register number.
Read. The standard byte read is as shown in Figure 11. It is an extension of the byte write. The write start condition is
repeated then the client device starts sending data and the host acknowledges it until the last byte is sent. The host
terminates the transfer with a NAK then a stop condition. For byte operation, the 2*7th bit of the command byte must be
set. For block operations, the 2*7th bit must be reset. If the bit is not set, the next byte must be the byte transfer count.
FIGURE 3-9:
SMBUS BYTE READ.
Write. Figure 12 illustrates a simple typical byte write. For byte operation the 2*7th bit of the command byte must be
set. For block operations, the 2*7th bit must be reset. If the bit is not set the next byte must be the byte transfer count.
The count can be between 1 and 32. It cannot be zero or exceed 32.
FIGURE 3-10:
SMBUS BYTE WRITE.
TABLE 3-3:
SMBUS ADDRESS TABLE
SA_1
SA_0
SMBus Address
L
L
D8
L
M
DA
L
H
DE
M
L
C2
M
M
C4
M
H
C6
H
L
CA
H
M
CC
H
H
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com