Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 28 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 28 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 24Page - Microchip Technology ZL40294 Datasheet HTML 25Page - Microchip Technology ZL40294 Datasheet HTML 26Page - Microchip Technology ZL40294 Datasheet HTML 27Page - Microchip Technology ZL40294 Datasheet HTML 28Page - Microchip Technology ZL40294 Datasheet HTML 29Page - Microchip Technology ZL40294 Datasheet HTML 30Page - Microchip Technology ZL40294 Datasheet HTML 31Page - Microchip Technology ZL40294 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
ZL40294
DS20006768B-page 28
2023 Microchip Technology Inc.
FIGURE 5-1:
DC TEST LOAD (AS PER DB2000QL).
TABLE 5-3:
DIFFERENTIAL DC OUTPUT CHARACTERISTICS*
Bit
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
1
Maximum Voltage (Over-
shoot)
VOVS
—
—
VHIGH + 75
mV
Note 1
2
Maximum Voltage
(Undershoot)
VUDS
—
—
VLOW – 75
mV
Note 1
3
Voltage High
VHIGH
225
—
270
mV
Note 1
4
Voltage Low
VLOW
10
—
150
mV
Note 1
5
Absolute Crossing Point
Voltages
VCROSS_ABSOLUTE
130
—
200
mV
Note 1
6
Relative Crossing Point
Voltages
VCROSS_RELATIVE
—
—
35
mV
Note 1
7
Output Buffer Differential
Impedance
ZDIFF
85 – 5%
—
85+5%
Ω
Note 2
8
Output Buffer Differential
Impedance
ZDIFF_CROSSING
85 – 20%
—
85+20%
Ω
Note 3
* Voltages are with respect to ground (GND) unless otherwise stated.
Note 1: Measured into DC test load, see Figure 5-1.
2: Measured at VOL / VOH.
3: Measured during a transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com