Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 7 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 7 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 3Page - Microchip Technology ZL40294 Datasheet HTML 4Page - Microchip Technology ZL40294 Datasheet HTML 5Page - Microchip Technology ZL40294 Datasheet HTML 6Page - Microchip Technology ZL40294 Datasheet HTML 7Page - Microchip Technology ZL40294 Datasheet HTML 8Page - Microchip Technology ZL40294 Datasheet HTML 9Page - Microchip Technology ZL40294 Datasheet HTML 10Page - Microchip Technology ZL40294 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
2023 Microchip Technology Inc.
DS20006768B-page 7
ZL40294
2.0
PIN DESCRIPTIONS
The I/O column in Table 2-1 uses the following symbols:
• I = Input
• IPU = Input with 120 kΩ internal pull-up resistor
• IPD = Input with 120 kΩ internal pull-down resistor
• O = Output
• I/O = Input/Output Drain pin
• NC = No connect pin
• P = Power supply pin
• ITRI = Tri-level input pin biased to VDD/2 by internal 120 kΩ pull-up and 120 kΩ pull-down resistors
TABLE 2-1:
PIN DESCRIPTIONS
Pin Number
Pin Name
Input/Output
Description
Input Reference
G1
CK_IN
I
Input Differential or Single Ended Reference.
Input frequency range 0 Hz to 250 MHz.
H1
CK_IN#
Output Clocks
J1
CK0
O
Ultra-Low Additive Jitter Differential Outputs 0 to 19.
Output frequency range 0 MHz to 250 MHz
K1
CK0#
L1
CK1
M1
CK1#
M2
CK2
M3
CK2#
M4
CK3
M5
CK3#
M7
CK4
M8
CK4#
M9
CK5
M10
CK5#
M11
CK6
M12
CK6#
L12
CK7
K12
CK7#
J12
CK8
H12
CK8#
G12
CK9
F12
CK9#
D12
CK10
C12
CK10#
B12
CK11
A12
CK11#
A11
CK12
AS10
CK12#
A9
CK13
A8
CK13#
A7
CK14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com