Electronic Components Datasheet Search
  English  ▼

X  

ZL40294 Datasheet(PDF) 43 Page - Microchip Technology

Part # ZL40294
Description  20-Output DB2000QL Buffer with Ultra-Low Additive Jitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40294 Datasheet(HTML) 43 Page - Microchip Technology

Back Button ZL40294 Datasheet HTML 38Page - Microchip Technology ZL40294 Datasheet HTML 39Page - Microchip Technology ZL40294 Datasheet HTML 40Page - Microchip Technology ZL40294 Datasheet HTML 41Page - Microchip Technology ZL40294 Datasheet HTML 42Page - Microchip Technology ZL40294 Datasheet HTML 43Page - Microchip Technology ZL40294 Datasheet HTML 44Page - Microchip Technology ZL40294 Datasheet HTML 45Page - Microchip Technology ZL40294 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
2023 Microchip Technology Inc.
DS20006768B-page 43
ZL40294
APPENDIX B: PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
ZL40294: 20-Output DB2000QL Buffer with Ultra-Low
Additive Jitter
Chip Carrier Type: L = Leadless Chip Carrier
Package:
D = 80-Lead 6 mm × 6 mm WGQFN
Media Type:
G = 490/Tray
F = 4000/Reel
Finish:
6 = Pb-Free
Examples:
a) ZL40294LDG6:
ZL40294,
20-Output
DB2000QL
Buffer with Ultra-Low Additive Jitter,
Leadless Chip Carrier, 80-Lead
WGQFN, 490/Tray, Pb-Free
b) ZL40294LDF6:
ZL40294,
20-Output
DB2000QL
Buffer with Ultra-Low Additive Jitter,
Leadless Chip Carrier, 80-Lead
WGQFN, 4000/Reel, Pb-Free
Device
X
X
X
X
Part
Number
Chip Carrier
Type
Package
Media Type
Finish
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for
package availability with the Tape and Reel
option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com