Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPF42791 Datasheet HTML 1Page - Monolithic Power Systems MPF42791 Datasheet HTML 2Page - Monolithic Power Systems MPF42791 Datasheet HTML 3Page - Monolithic Power Systems MPF42791 Datasheet HTML 4Page - Monolithic Power Systems MPF42791 Datasheet HTML 5Page - Monolithic Power Systems MPF42791 Datasheet HTML 6Page - Monolithic Power Systems MPF42791 Datasheet HTML 7Page - Monolithic Power Systems MPF42791 Datasheet HTML 8Page - Monolithic Power Systems MPF42791 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
MPF42791
– 2 TO 16 STACKED CELL BATTERY PACK FUEL GAUGE W/ LEVEL LEDS
MPF42791 Rev. 1.0
MonolithicPower.com
3
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MPF42791DRT-0B-yyyy**
TQFN-32 (4mmx4mm)
See Below
3
EVKT_MPF42791
Evaluation kit
-
-
EVKT-MBM16S-P50-B
Evaluation kit
-
-
* For Tape & Reel, add suffix -Z (e.g. MPF42791DRT-0B-yyyy-Z).
**
“-yyyy” refers to the default configuration identifier (“-0000” by default), where each “y” is a hexadecimal value
between 0 and F. Work with an MPS FAE to obtain a customized default configuration.
TOP MARKING
MPF4279X Family generic version
MPS: MPS prefix
Y: Year code
WW: Week code
M4279X: Family part number*
LLLLLL: Lot number
* The specific part number is in the IC_VER register.
EVALUATION KITS EVKT-MBM1XS-P50-B (MP279X BMS)
EVKT-MBM16S-P50-B
EVKT-MBM16S-P50-B kit contents (items below can be ordered separately):
#
Part Number
Item
Quantity
1
MBM16S-P50-B
MPF42791DRT-0B-0001 and MP2797DFP-0001 reference
design and evaluation board
1
2
EVKT-USB_RS232/I2C-01
USB to RS232 / I2C adapter
1
3
Online resources
Include datasheet, user guide, product brief, and GUI
1
EVKT-MBM14S-P50-B
EVKT-MBM14S-P50-B kit contents (items below can be ordered separately):
#
Part Number
Item
Quantity
1
MBM14S-P50-B
MPF42791DRT-0B-0001 and MP2791DFP-0001 reference
design and evaluation board
1
2
EVKT-USB_RS232/I2C-01
USB to RS232 / I2C adapter
1
3
Online resources
Include datasheet, user guide, product brief, and GUI
1
Order directly from MonolithicPower.com or our distributors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com