Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 48 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 48 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 44Page - Monolithic Power Systems MPF42791 Datasheet HTML 45Page - Monolithic Power Systems MPF42791 Datasheet HTML 46Page - Monolithic Power Systems MPF42791 Datasheet HTML 47Page - Monolithic Power Systems MPF42791 Datasheet HTML 48Page - Monolithic Power Systems MPF42791 Datasheet HTML 49Page - Monolithic Power Systems MPF42791 Datasheet HTML 50Page - Monolithic Power Systems MPF42791 Datasheet HTML 51Page - Monolithic Power Systems MPF42791 Datasheet HTML 52Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
48
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
SOH_PACK,
0x06A9
Returns the pack
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL1,
0x06AD
Returns cell 1’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL2,
0x06B1
Returns cell 2
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL3,
0x06B5
Returns cell 3
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL4,
0x06B9
Returns cell 4
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL5,
0x06BD
Returns cell 5
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL6,
0x06C1
Returns cell 6
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL7,
0x06C5
Returns cell 7
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL8,
0x06C9
Returns cell 8
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL9,
0x06CD
Returns cell 9
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL10,
0x06D1
Returns cell 10’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL11,
0x06D5
Returns cell 11’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL12,
0x06D9
Returns cell 12
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL13,
0x06DD
Returns cell 13
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL14,
0x06E1
Returns cell 14
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL15,
0x06E5
Returns cell 15
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
SOH_CELL16,
0x06E9
Returns cell 16
’s SOH.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.0000001%
0%
0% to 100%
PRDG,
0x07AD
Returns the power state of the
battery pack, which is equal to the
pack current multiplied by the
battery pack voltage.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.1mW
0mW
0mW to
429496729.5mW
PDIS,
0x07B1
Returns the maximum possible
applicable discharge power.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.1mW
0mW
0mW to
429496729.5mW
PDIS_ID,
0x07B5
Returns the cell ID that is most
significantly limiting the maximum
discharge power estimate.
5, [4:0]
Read-only
8-bit unsigned integer
LSB = 1 (cell ID)
1 (cell
ID)
1 to 16 (cell ID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com